Electronic Components Datasheet Search
  English  ▼

X  

SVSA2805DEM Datasheet(PDF) 13 Page - VPT, Inc.

Part # SVSA2805DEM
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVSA2805DEM Datasheet(HTML) 13 Page - VPT, Inc.

Back Button SVSA2805DEM Datasheet HTML 6Page - VPT, Inc. SVSA2805DEM Datasheet HTML 7Page - VPT, Inc. SVSA2805DEM Datasheet HTML 8Page - VPT, Inc. SVSA2805DEM Datasheet HTML 9Page - VPT, Inc. SVSA2805DEM Datasheet HTML 10Page - VPT, Inc. SVSA2805DEM Datasheet HTML 11Page - VPT, Inc. SVSA2805DEM Datasheet HTML 12Page - VPT, Inc. SVSA2805DEM Datasheet HTML 13Page - VPT, Inc. SVSA2805DEM Datasheet HTML 14Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVSA2800D - 8.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 13
SVSA2800D Series
9.0 ORDERING INFORMATION
SVSA
28
05
D
/K
-
XXX
1
2
3
4
5
6
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Output Voltage
(4)
Number of
Outputs
(5)
Screening
Code1,2,3
(6)
Additional
Screening
Code
SVSA
28 28 Volts
05
07
12
15
05 Volts
07 Volts
12 Volts
15 Volts
D Dual
/EM
/H+
/K
Engineering Model
Class H + PIND
Class K
Contact Sales
1 Contact the VPT Sales Department for availability of Class H (/H) or Class K (/K) qualified products
2 VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless specifically forbidden by customer
contract
3 Engineering models utilize only the standard screening specified and are not considered compliant for flight use. These models are intended for low volume engineering
characterization only and have no guarantee regarding operation in a radiation environment. The customer must place the following statement on each line item of their
purchase order(s) for /EM units when ordering engineering models:
“(Customer Name) acknowledges that the /EM unit listed in this line item is not permitted for flight use and will be used for Engineering characterization only.”
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental
screening and testing, different input voltage, output voltage, power requirements, source inspection, and/or special element evaluation
for space or other higher quality applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com