Electronic Components Datasheet Search
  English  ▼

X  

SVRSA2805SF/K Datasheet(PDF) 5 Page - VPT, Inc.

Part # SVRSA2805SF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRSA2805SF/K Datasheet(HTML) 5 Page - VPT, Inc.

  SVRSA2805SF/K Datasheet HTML 1Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 2Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 3Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 4Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 5Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 6Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 7Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 8Page - VPT, Inc. SVRSA2805SF/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRSA2800S – 4.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 5
SVRSA2800S Series
4.0 PERFORMANCE CURVES
4.1.1 SVRSA283R3S Efficiency (Typical, 25 °C)
4.1.2 SVRSA2805S Efficiency (Typical, 25 °C)
4.1.3 SVRSA2812S Efficiency (Typical, 25 °C)
4.1.4 SVRSA2815S Efficiency (Typical, 25 °C)
50
54
58
62
66
70
74
0
1
2
3
4
5
Output Power (W)
18 V
28 V
37.5 V
54
58
62
66
70
74
78
0
1
2
3
4
5
Output Power (W)
18 V
28 V
37.5 V
56
60
64
68
72
76
80
84
0
1
2
3
4
5
6
Output Power (W)
18 V
28 V
37.5 V
60
64
68
72
76
80
84
0
1
2
3
4
5
6
Output Power (W)
18 V
28 V
37.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com