Electronic Components Datasheet Search
  English  ▼

X  

SVRTR2805DF/K Datasheet(PDF) 4 Page - VPT, Inc.

Part # SVRTR2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRTR2805DF/K Datasheet(HTML) 4 Page - VPT, Inc.

  SVRTR2805DF/K Datasheet HTML 1Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 2Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 3Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 4Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 5Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 6Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRTR2805DF/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRTR2800D - 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 4
SVRTR2800D Series
3.2 PERFORMANCE SPECIFICATIONS (CONTINUED)
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load1, Unless Otherwise Specified
SVRTR2815D
Parameter
Conditions5
Min
Typ
Max
Units
INPUT
Voltage
Continuous
18
28
407
V
Transient, 1 sec4
-
-
50
V
Current
INH < 1.5 V
-
5
8
mA
No Load
-
45
90
mA
Ripple Current
20 Hz to 10 MHz
-
50
80
mApp
Undervoltage Lockout
Turn-On
14.5
-
17.5
V
Turn-Off4
13.0
-
16.5
V
OUTPUT STATIC
Voltage
+Vout, Tcase = 25 °C
14.85
15
15.15
V
+Vout, Tcase = -55 °C to +125 °C
14.70
15
15.30
V
-Vout, Tcase = 25 °C
14.70
15
15.30
V
-Vout, Tcase = -55 °C to +125 °C
14.55
15
15.45
V
Power2
Total
0
-
40
W
Either Output
0
-
24
W
Current2
Total
0
-
2.67
A
Either Output
0
-
1.6
A
Ripple Voltage
20 Hz to 10 MHz
-
25
60
mVpp
Line Regulation
+Vout, VIN = 18 V to 40 V
-
1
20
mV
-Vout, VIN = 18 V to 40 V
-
10
200
mV
Load Regulation8
+Vout, No Load to Full Load
-
1
50
mV
-Vout, No Load to Full Load
-
10
200
mV
Cross Regulation, -Vout
+Vout: 60% load, -Vout: 40% load
-
250
650
mV
+Vout: 40% load, -Vout: 60% load
Load Fault Power Dissipation
Overload4
-
-
14
W
Short Circuit
-
-
14
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Either Output
Output Transient
-
300
500
mVpk
Recovery3
-
200
400
µs
Line Step4, Vin = 18V to 40 V
Output Transient
-
600
1200
mVpk
Recovery3
-
300
500
µs
Turn-On, Vin = 0 to 28 V
Delay
-
10
20
ms
Overshoot
-
20
50
mVpk
FUNCTION
INH Pin Input4
Output Inhibited
0
-
1.5
V
INH Pin Open Circuit Voltage4
Output Enabled
9
12.5
14
V
SYNC Frequency Range
500
-
600
kHz
GENERAL
Efficiency
80
84
-
%
Capacitive Load4
-
-
300
µF
Switching Frequency
470
525
550
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
MΩ
Weight
Non-flanged package option
-
-
52
g
Flanged package option
-
-
55
g
MTBF (MIL-HDBK-217F)6
SF, Class K @ Tcase = 55 °C
-
3.26
-
MHr
-POST-RAD LIMITS
Input Ripple Current
-
-
110
mApp
Output Voltage
+Vout, Tcase = -55 °C to +125 °C
14.625
15
15.375
V
–Vout, Tcase = -55 °C to +125 °C
14.450
15
15.550
V
Output Ripple Voltage
-
-
130
mVpp
Switching Frequency
435
-
575
kHz
1. Half load at +Vout and half load at -Vout
2. Up to 60% of the total power or current can be drawn from either of the two
outputs.
3. Time for output voltage to settle within 1% of steady-state value
4. Verified by initial electrical design verification. Post design verification,
parameter shall be guaranteed to the limits specified
5. End-of-Life performance includes aging and radiation degradation and is within
standard limits except where noted
6. Correction factor of 0.12 added to ceramic capacitors
7. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and Aerospace TOR
8. 5% Load to Full Load at -55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com