Electronic Components Datasheet Search
  English  ▼

X  

VSC7958 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7958
Description  2.5Gb/s High Speed Limiting Post Amplifier for OC-48/SDH-16 Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7958 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7958 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7958 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7958
2.5Gb/s High Speed Limiting Post Amplifier
for OC-48/SDH-16 Applications
G52184-0, Rev 3.0
Page 3
05/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 1: Typical Output Voltage vs. Input Voltage of Limiting Amplifier
Absolute Maximum Ratings (1) (at T
A = 25°C unless otherwise specified)
Power Supply Voltage (VSS) ...............................................................................................................-7V to -0.5V
Power Dissipation.............................................................................................................................................. 1W
All Pins ................................................................................................................................................VSS to + .5V
(VREF+) - (VIN+): .......................................................................................................................................... ±2V
(VREF-) - (VIN-): ........................................................................................................................................... ±2V
Storage Temperature Range (TSTG)................................................................................................ -40°C to 125°C
Operating Temperature Range............................................................................................................0°C to 100°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Case Temperature Range (TC)..............................................................................................................0°C to 85°C
Negative Voltage Rail (VSS) .............................................................................................................-5.5V to -4.7V
Bit Rate = 2.488Gb/s NRZ and data pattern = 2
23 -1 PRBS, unless otherwise specified.
1
1000
100
10
1
13
Single-Ended Input Voltage (mV)
Output Voltage vs. Input Voltage
20
100
260
500



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com