Electronic Components Datasheet Search
  English  ▼

X  

IMX350 Datasheet(PDF) 2 Page - Sony Corporation

Part # IMX350
Description  Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

IMX350 Datasheet(HTML) 2 Page - Sony Corporation

  IMX350 Datasheet HTML 1Page - Sony Corporation IMX350 Datasheet HTML 2Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IMX350
2
Device Structure
◆ CMOS image sensor
◆ Image size
: Diagonal 6.475 mm (Type 1/2.78)
◆ Total number of pixels
: 5216 (H) × 4032 (V) approx. 21.03 M pixels
◆ Number of effective pixels
: 5216 (H) × 3896 (V) approx. 20.32 M pixels
◆ Number of active pixels
: 5184 (H) × 3880 (V) approx. 20.11 M pixels
◆ Chip size
: 6.415 mm (H) × 4.759 mm (V)
◆ Unit cell size
: 1.00 μm (H) × 1.00 μm (V)
◆ Substrate material
: Silicon
Functional Description
Block Diagram
* Exmor RS is a trademark of Sony Corporation. The Exmor RS is a Sony’s CMOS image sensor with high-resolution, high-performance and
compact size by replacing a supporting substrate in Exmor R
TM which changed fundamental structure of ExmorTM pixel adopted column
parallel A/D converter to back-illuminated type, with layered chips formed signal processing circuits.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com