Electronic Components Datasheet Search
  English  ▼

X  

JSL045 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # JSL045
Description  Open and close core leakage current (current) monitoring relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

JSL045 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  JSL045 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Open and close core leakage current (current) monitoring relay
Model:JSL045/065/100
JSL045 / 065/100 series core opening and closing AC current
monitoring relay, for leakage current, over current protection.
When the main circuit current exceeds the set value, the built-in
relay is energized and the main circuit current is less than the set
value and below the hysteresis range, the relay is de-energized,
and the product provides the user with a set of transitions that are
completely isolated from the input / output current point. The
product output can be used directly for PLC or relay protection
system.
Features:
①
alarm signal for the relay contact output and detection circuit
completely isolated
②
input / output / power between the electrical strength greater
than 2500V AC / 1min
③
especially used in the requirements of high precision
measurement, repeat the error of small occasions
④
plate installation, fast push crimp terminal output
⑤
With alarm hold selection terminal (B1 / B2)
Technical indicators:
Dimension drawing:
Model definition:
045
065
100
100
Connection diagram:
www.yhdc.com
Email:yhdc@yhdc.com
Rated current
Monitoring range
Monitoring accuracy
Hysteresis range
Operating Voltage
Power consumption
Relay contact
Response time
Operating temperature
Storage temperature
Altitude
Relative humidity
100A
10-100mA;50mA-1A;0.5-10A
5%
5%-50%
220V(230V) AC/24V DC/12V DC
<
1VA
250V 3A 1 Transformation
≤0.3s
-25℃~+50℃
-25℃~+55℃
≤1000M
85%
The intermediate value is determined by the potentiometer which installed on the panel.
Through the adjustable potentiometer on the panel can adjust the current range.
Iron core opening
and closing AC
current
monitoring relay
JSL
Operating Voltage
Opening size
Rated current
-
-
Front view
Bottom view
Side View
5%
Hystereis
over current set
5%
100%
+12V
0V
Fault alarm hold
50%
power supply
Ip
Call the police
B1
B2
①
③
⑦
⑥
⑤
④
②
power supply
Ip
D
F
φ1
A
φ
E
H
C
Fixed hole
Model
JSL045
JSL065
JSL100
A
109
129
175
B
107
127
175
C
26
26
30
D
71.5
91
127
E
95
115
155
F
80
99
125
G
5.2
5.2
5.2
H
128
147
201
Φ
46
65
100
Φ1
5
5
5


Similar Part No. - JSL045

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL FUJITSU-JSL Datasheet
974Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL FUJITSU-JSL Datasheet
387Kb / 6P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
FCL COMPONENTS LIMITED
JSL FCL-JSL Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
JSL-( )MN-K FCL-JSL-( )MN-K Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
JSL-( )N-K FCL-JSL-( )N-K Datasheet
411Kb / 7P
1 POLE - 8A Polarized Latching Type
Rev. April 22, 2025.
More results

Similar Description - JSL045

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
JAO22 YHDC-JAO22 Datasheet
630Kb / 1P
Current monitoring switch
logo
Littelfuse
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
ECS LITTELFUSE-ECS Datasheet
387Kb / 3P
Current Monitoring Relays and Transducers
2018 Rev: 1-A-062716
ECSW LITTELFUSE-ECSW Datasheet
301Kb / 3P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LCS10T12 LITTELFUSE-LCS10T12 Datasheet
189Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-0 LITTELFUSE-LSR-0 Datasheet
453Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
LSR-XXX LITTELFUSE-LSR-XXX Datasheet
210Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
TCS LITTELFUSE-TCS Datasheet
415Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062116
TCSA LITTELFUSE-TCSA Datasheet
409Kb / 2P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
MultiDimension Technolo...
TMR7204 MULTIDIMENSION-TMR7204 Datasheet
623Kb / 4P
C Series Open close Current Transducer
V1.0a
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com