Electronic Components Datasheet Search
  English  ▼

X  

BC489B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC489B
Description  High Current Transistors(NPN Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC489B Datasheet(HTML) 1 Page - ON Semiconductor

  BC489B Datasheet HTML 1Page - ON Semiconductor BC489B Datasheet HTML 2Page - ON Semiconductor BC489B Datasheet HTML 3Page - ON Semiconductor BC489B Datasheet HTML 4Page - ON Semiconductor BC489B Datasheet HTML 5Page - ON Semiconductor BC489B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Current Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
80
Vdc
Collector – Base Voltage
VCBO
80
Vdc
Emitter – Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
0.5
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
80
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
80
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
ICBO
—
—
100
nAdc
ON CHARACTERISTICS*
DC Current Gain
(IC = 10 mAdc, VCE = 2.0 Vdc)
(IC = 100 mAdc, VCE = 2.0 Vdc)
BC489
BC489A
BC489B
(IC = 1.0 Adc, VCE = 5.0 Vdc)*
hFE
40
60
100
160
15
—
—
160
260
—
—
400
250
400
—
—
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2%.
Order this document
by BC489/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC489,A,B
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC489B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC489B MOTOROLA-BC489B Datasheet
235Kb / 6P
High Current Transistors
logo
Continental Device Indi...
BC489B CDIL-BC489B Datasheet
364Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC489B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
NPN Silicon Darlington Transistors (High current gain High collector current)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
NPN Silicon AF Transistors (High current gain High collector current)
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
High-Current silicon NPN Versawatt Transistors
logo
Comset Semiconductor
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
ON Semiconductor
BC487 ONSEMI-BC487 Datasheet
81Kb / 6P
High Current Transistors NPN Silicon
September, 2005 ??Rev. 1
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
HIGH CURRENT NPN SILICON TRANSISTORS
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com