Electronic Components Datasheet Search
  English  ▼

X  

LSD3211 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LSD3211
Description  LED Displays Numeric 7-segment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSD3211 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LSD3211 Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD3211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 0.56”
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5123-XX
6.5
4.5
2.8
1.7
660
Red
GaAlAs
LSD5125-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5124-XX
4.5
2.5
2.8
1.7
565
Green
GaP
LSD5122-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD5121-XX
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5113-XX
6.5
4.5
2.4
1.5
660
Super Red
GaAlAs
LSD5115-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5114-XX
4.5
2.5
2.8
1.7
565
Green
GaP
C.C
LSD5112-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD5111-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 0.8”
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD8163-XX
10
6
2.8
1.7
660
Red
GaAlAs
LSD8165-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD8164-XX
4.5
2.5
2.8
1.7
565
Green
GaP
LSD8162-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD8161-XX
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD8153-XX
10
6
2.4
1.5
660
Super Red
GaAlAs
LSD8155-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD8154-XX
4.5
2.5
2.8
1.7
565
Green
GaP
C.C
LSD8152-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD8151-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 1.0”
10
6
2.4
1.5
585
Yellow
GaAsP/GaP
LSD10063-XX
18
10
2.8
1.7
660
Red
GaAlAs
LSD10065-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD10064-XX
8
5
2.8
1.7
565
Green
GaP
LSD10062-XX
2.5
1.5
2.8
1.7
697
Red
GaP
C.A
LSD10061-XX
10
6
2.4
1.5
585
Yellow
GaAsP/GaP
LSD10053-XX
18
10
2.4
1.5
660
Super Red
GaAlAs
LSD10055-XX
10
6
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD10054-XX
8
5
2.8
1.7
565
Green
GaP
C.C
LSD10052-XX
2.5
1.5
2.8
1.7
697
Red
GaP
LSD10051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
19.0
(0.75")
14.2
(0.56")
15.2
(0.6")
LSD51XX-XX
LIGITEK
2.54X4=10.16
(0.4")
8.0
(0.3")
4.0MIN(0.16")
1.3
(0.05")
0.5
TYP.
12.5
(0.49")
1.6
PIN
NO.1
3
8
LSD511X-XX
7
6
4
2
1
910
5
3
8
LSD512X-XX
7
6
4
21
910
5
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
19.0
(0.75")
14.2
(0.56")
15.2
(0.6")
LSD51XX-XX
LIGITEK
2.54X4=10.16
(0.4")
8.0
(0.3")
4.0MIN(0.16")
1.3
(0.05")
0.5
TYP.
12.5
(0.49")
1.6
PIN
NO.1
3
8
LSD511X-XX
7
6
4
2
1
910
5
3
8
LSD512X-XX
7
6
4
21
910
5
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
PIN NO.1
20.32
(0.8")
27.5
(1.09")
LSD81XX-XX
LIGITEK
2.1(0.082")
19.9
(0.78")
8.32
(0.33")
4.0MIN
(0.157")
1.02
(0.04")
0.5TYP.
(0.02")
15.24
(0.6")
2.54X7=
17.78
(0.7")
LSD815X-XX
3 , 5
11 , 16
3 , 5
11 , 16
A
B
C
D
E
F
G
LDP RDP
A
B
C
D
E
F
G
LDP RDP
1
14
12
10
4
2
13
6
19
1
14
12
10
4
2
13
6
9
LSD816X-XX
A
BC
D
EF
GDP
AB
C
D
E
F
G
DP
LSD1005X-XX
7
6
42
1
9
10
5
LSD1006X-XX
3
8
7
6
4
2
1
9
10
5
38
0.5
TYP.
LSD100XX-XX
LIGITEK
3.5MIN(0.14")
2.54X4=
10.16(0.4")
34.0
(1.34")
25.4
(1.0")
24.0
(0.95")
2.4
30.5
(1.2")
10.5
(0.4")
PIN
NO.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com