Electronic Components Datasheet Search
  English  ▼

X  

IXGR40N60C Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR40N60C
Description  HiPerFAST IGBT ISOPLUS247
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR40N60C Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR40N60C Datasheet HTML 1Page - IXYS Corporation IXGR40N60C Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 40N60C
IXGR 40N60CD1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
T; VCE = 10 V,
30
40
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
3300
pF
40N60C
310
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz 40N60CD1
370
pF
C
res
65
pF
Q
g
116
nC
Q
ge
I
C = IT, VGE = 15 V, VCE = 0.5 VCES
23
nC
Q
gc
55
nC
t
d(on)
25
n s
t
ri
30
n s
t
d(off)
100
150
ns
t
fi
75
150
ns
E
off
0.85
1.70
mJ
t
d(on)
25
n s
t
ri
35
ns
E
on
40N60C
0.4
mJ
t
d(off)
40N60CD1
1.2
mJ
t
fi
150
ns
105
ns
E
off
1.2
mJ
R
thJC
0.6 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°C
I
C = IT, VGE = 15 V
V
CE = 0.8 • VCES, RG = Roff = 4.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C = IT, VGE = 15 V
V
CE = 0.8 • VCES, RG = Roff = 4.7 W
Remarks: Switching times may increase for
V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
ISOPLUS 247 OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80 21.34
.819 .840
E
15.75 16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
ReverseDiode(FRED)(IXGH40N60CD1only)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
TestConditions
min.
typ. max.
V
F
I
F = IT, VGE = 0 V,
T
J = 150°C
1.3
V
Note 1
T
J =
25°C
1.8
V
I
RM
I
F = IT, VGE = 0 V, VR = 100 V
T
J = 100°C
7.5
A
-di
F/dt = 100 A/ms
t
rr
I
F = 1 A; -di/dt = 100 A/ms; VR = 30 V
3.5
ns
R
thJC
0.90 K/W
Note:
1. Pulse test, t
p £ 300 ms, duty cycle:d £ 2 %
2. I
T = 40A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com