Electronic Components Datasheet Search
  English  ▼

X  

LPB6028 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # LPB6028
Description  LPB series sub-plate mounting isolation transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

LPB6028 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  LPB6028 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LPB series sub-plate mounting isolation transformer
Model:LPB6028
Characteristics:
Used with 4.8mm Plug terminal,with FDD2-187 cold crimp
termina,easy connection,Vacuum Epoxy Encapsulated,Primary
voltage:110V/220V/230V(or producing as customerized).
Technical Index:
Mounting type:Sub-plate mount
Flame resistance:UL94-V0
Insulation class :B
Operation temperature:-30℃~+40℃
Work frequency:50Hz~60Hz
Dielectric strength:3.75KV 50Hz 1min
Technical Parameters table:
Dimension(in mm):
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110/220/230
±10
≤15
40
≤35
≤1.5
700
V
%
%
VA
℃
W
g
www.yhdc.com
Email:yhdc@yhdc.com
Double
6V×2
7.5V×2
9V×2
12V×2
15V×2
18V×2
24V×2
Single
6V
7.5V
9V
12V
15V
18V
24V
Double
7.4V×2
9.3V×2
11.1V×2
14.8V×2
18.5V×2
22.2V×2
29.6V×2
Single
7.4V
9.3V
11.1V
14.8V
18.5V
22.2V
29.6V
Double
3.3A×2
2.67A×2
2.22A×2
1.67A×2
1.33A×2
1.11A×2
0.83A×2
Single
6.6A
5.33A
4.44A
3.33A
2.66A
2.22A
1.66A
6
1
6
1
8
11
7
8
11
12
83.5
74
54
7.5
5.08±0.3×6
0.6
1
6
7 8
12
11
Schematic Diagram:
Single output
Double output
Secondary voltage
Secondary full load current
Secondary no load voltage
With Mechanism screw
Used with 4.8mm
Plug terminal
Front View
Side View
Top View


Similar Part No. - LPB6028

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LPB6637 YHDC-LPB6637 Datasheet
6Mb / 1P
LPB series sub-plate mounting isolation transformer
More results

Similar Description - LPB6028

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
LKB4820-L YHDC-LKB4820-L Datasheet
8Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB5424-P YHDC-LKB5424-P Datasheet
1Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6028-T YHDC-LKB6028-T Datasheet
7Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB6637-T YHDC-LKB6637-T Datasheet
2Mb / 1P
LKB series sub-plate mounting isolation transformer
LKB7628-P YHDC-LKB7628-P Datasheet
715Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8630-P YHDC-LKB8630-P Datasheet
814Kb / 1P
LKB series sub-plate mounting isolation transformer
LKB8642-L YHDC-LKB8642-L Datasheet
12Mb / 1P
LKB series sub-plate mounting isolation transformer
LPB4820 YHDC-LPB4820 Datasheet
5Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB5424 YHDC-LPB5424 Datasheet
5Mb / 1P
LPB series sub-plate mounting isolation transformer
LPB6637 YHDC-LPB6637 Datasheet
6Mb / 1P
LPB series sub-plate mounting isolation transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com