Electronic Components Datasheet Search
  English  ▼

X  

PTC5 Datasheet(PDF) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

Part # PTC5
Description  PCB toroidal transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YHDC [Beijing Yaohuadechang Electronic Co., Ltd.]
Direct Link  http://www.yhdc.com
Logo YHDC - Beijing Yaohuadechang Electronic Co., Ltd.

PTC5 Datasheet(HTML) 1 Page - Beijing Yaohuadechang Electronic Co., Ltd.

  PTC5 Datasheet HTML 1Page - Beijing Yaohuadechang Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB toroidal transformer
Model:PTC5
Characteristics:
Small leakage,Low noise,High efficiency,Low no load
current,PCB mounting,Used for supper acoustics,Medical
equipment,Military engineering,Precision instrument,using
the imported high quality toroidal core Primary working
voltage:110×2/115×2120×2(/Can be customized according
to customer’s requirements)
Technical index:
Mounting type:PCB
Flame resistance:UL94-V0
Insulation class:B grade
Work temperature:-30℃~+60℃
Frequency range:50Hz~60Hz
Dielectric strength:P1/P2:600V AC
S1/S2:600V AC
P/S:4000V AC
Electrical data:
Dimension(mm):
Schematic Diagram:
Primary voltage
Primary voltage range
Voltage regulation
Power
Temperature rising
No load loss
weight
110×2/115×2/120×2
±10
≤31
5
≤20
<
0.1
150
V
%
%
VA
℃
W
g
7V×2
9V×2
12V×2
15V×2
18V×2
22V×2
9.7V×2
12.4V×2
17V×2
21.3V×2
25.5V×2
30.5V×2
375mA
278mA×2
208mA×2
167mA×2
139mA×2
114mA×2
www.yhdc.com
Email:yhdc@yhdc.com
11
12
13
14
2
3
4
5
6
50.5±0.5
50.5±0.5
19.5±0.5
5±0.5
45.72±0.3
Fixed hole: M3×8 self tapping screw
self tapping screw
M3×8
Secondary voltage
Secondary full load current
Secondary no load voltage
Front View
Bottom View
Primary
Secondary


Similar Part No. - PTC5

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PTC50 YHDC-PTC50 Datasheet
1Mb / 1P
PCB toroidal transformer
logo
Wavelength Electronics,...
PTC5000 WAVELENGTH-PTC5000 Datasheet
278Kb / 2P
Declaration of Conformity
September-2022
PTC5K-CH WAVELENGTH-PTC5K-CH Datasheet
1Mb / 5P
Methane Isotopologues Spectroscopy Analysis
March, 2021
PTC5K-CH WAVELENGTH-PTC5K-CH Datasheet
1Mb / 5P
Determining Localized Density of H2O2 Using Absorption Spectroscopy in Plasma Jets
November, 2023
PTC5K-CH WAVELENGTH-PTC5K-CH Datasheet
1Mb / 5P
Single-Mode, Narrow Band Photon Source Using SPDC for Hybrid Quantum Systems
April, 2020
More results

Similar Description - PTC5

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL35-0016-012 DBLECTRO-TL35-0016-012 Datasheet
196Kb / 5P
TOROIDAL TRANSFORMER
TL99-0016-012 DBLECTRO-TL99-0016-012 Datasheet
265Kb / 3P
TOROIDAL TRANSFORMER PCB MOUNTING LOW PROFILE
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC3.2 YHDC-PTC3.2 Datasheet
895Kb / 1P
PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
PCB toroidal transformer
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
PCB toroidal transformer
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
PCB toroidal transformer
PTC25 YHDC-PTC25 Datasheet
7Mb / 1P
PCB toroidal transformer
PTC35 YHDC-PTC35 Datasheet
1Mb / 1P
PCB toroidal transformer
PTC50 YHDC-PTC50 Datasheet
1Mb / 1P
PCB toroidal transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com