Electronic Components Datasheet Search
  English  ▼

X  

ES251 Datasheet(PDF) 14 Page - Cyrustek corporation

Part # ES251
Description  2000 Counts DMM
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES251 Datasheet(HTML) 14 Page - Cyrustek corporation

Back Button ES251 Datasheet HTML 10Page - Cyrustek corporation ES251 Datasheet HTML 11Page - Cyrustek corporation ES251 Datasheet HTML 12Page - Cyrustek corporation ES251 Datasheet HTML 13Page - Cyrustek corporation ES251 Datasheet HTML 14Page - Cyrustek corporation ES251 Datasheet HTML 15Page - Cyrustek corporation ES251 Datasheet HTML 16Page - Cyrustek corporation ES251 Datasheet HTML 17Page - Cyrustek corporation ES251 Datasheet HTML 18Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
V 1.2
14
2016/04/27
ES251
2000 Counts DMM
1.11. Temperature Measurement mode
Temperature measurement mode takes input signal from TEMPin (pin2). The ES251 has ºC to ºF
scale translation circuit and standard K-type thermocouple reference table is built-in. External
cold-junction compensation circuit is still necessary. In temperature measurement mode, there is
automatic mode and manual mode. The TSEL pin (pin45) is used to control the automatic mode
(0.1
OC/1OC resolution) or manual mode (0.1OC resolution) selection. TSYMB (pin 44) could enable or
disable display of input terminal symbol on the LCD panel (SEG18).
Manual range
Auto Range
ºC range
-200.0 ºC ~ 200.0 ºC
-200.0 ºC ~ 200.0 ºC
/ 1350 ºC
ºF range
-328.0 ºF ~ 392.0 ºF
-328.0 ºF ~ 392.0 ºF
/ 2462 ºF
1.12. ADP
ES251 provides 4 manual range ADP measurement modes for user define. The ADP pin is
auxiliary input terminal for ADC of ES251. The full scale for ADP mode is 200.0mV. If FC5=0, the
minus sign will not be shown on LCD segment.
Mode
FC1~4
SLACDC
Full Scale
Input Terminal
CAL
ADP0
0,0,1,1
1
2000
ADP V.S. SGND
Yes
ADP1
0,0,0,1
1
200.0
ADP V.S. SGND
Yes
ADP2
0,1,1,1
1
20.00
ADP V.S. SGND
Yes
ADP3
0,0,1,0
1
2.000
ADP V.S. SGND
Yes
Note: If FC5 is set to V-, the minus sign will be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com