Electronic Components Datasheet Search
  English  ▼

X  

ES736 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES736
Description  True RMS-to-DC Converters
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES736 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES736 Datasheet HTML 1Page - Cyrustek corporation ES736 Datasheet HTML 2Page - Cyrustek corporation ES736 Datasheet HTML 3Page - Cyrustek corporation ES736 Datasheet HTML 4Page - Cyrustek corporation ES736 Datasheet HTML 5Page - Cyrustek corporation ES736 Datasheet HTML 6Page - Cyrustek corporation ES736 Datasheet HTML 7Page - Cyrustek corporation ES736 Datasheet HTML 8Page - Cyrustek corporation ES736 Datasheet HTML 9Page - Cyrustek corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
V 1.4
18/05/31
3
ES736
True RMS-to-DC Converters
Absolute Maximum Ratings
Supply Voltage: Dual Supplies
......…………………………….….... ±6V
Single Supply
..……………………...…….....……+12V
Input Vo ltage: ...................………………………….……………..... ± 6V
Power Dissipation (Package)
SOP…………………… ………………………………………… ...450 m W
Operating Temperature Range
.......…………………………….......-20℃ to +70℃
Storage Temperature Range.....…………………...……………............-55℃ to +150℃
Lead Temperature (Soldering, 10sec)....…………………………………...............300℃
Electrical Characteristics-ES736
(TA= +25℃, Vs = +3V, -Vs = -3V, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Transfer Equation
VOUT =
avg.[(VIN)
2]
Averaging Time Constant
6
ms/μF CAV
CONVERSION ACCURACY
Total Error, Internal Trim
(Notes 1)
ES736
±0.5 ± 1.5
mV ±% of
Reading
Total Error vs. Temperature
(-20℃ to + 70℃)
±0.1 ±0.01
mV ±% of
Reading/℃
Total Error vs. Supply
±0.1 ±0.01
mV ±% of
Reading/V
Total Error vs. DC Reversal
VIN=+400mV
±2.5
±% of
Reading
Total Error, External trim
0.1/0.2
mV ±% of
Reading
Additional Error (Note 2)
Cav=22μF
Crest Factor = 1
400mV
Specified Accuracy
±% of
Reading
Crest Factor = 2
200mV
0.5
1.0
400mV
0.5
1.0
Crest Factor = 3
200mV
1.0
2.0
400mV
1.0
2.0
FREQUENCY RESPONSE
Bandwidth for 1% Additional
Error (0.09dB)
10mV
6
kHz
100mV
40
200mV
60
400mV
70



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com