Electronic Components Datasheet Search
  English  ▼

X  

CTM3010 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTM3010
Description  250V/400V Random Phase MFP-4L Phototriac Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM3010 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTM3010 Datasheet HTML 1Page - CT Micro International Corporation CTM3010 Datasheet HTML 2Page - CT Micro International Corporation CTM3010 Datasheet HTML 3Page - CT Micro International Corporation CTM3010 Datasheet HTML 4Page - CT Micro International Corporation CTM3010 Datasheet HTML 5Page - CT Micro International Corporation CTM3010 Datasheet HTML 6Page - CT Micro International Corporation CTM3010 Datasheet HTML 7Page - CT Micro International Corporation CTM3010 Datasheet HTML 8Page - CT Micro International Corporation CTM3010 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Mar, 2015
CTM3010, CTM3011, CTM3012
CTM3020, CTM3021, CTM3022, CTM3023
250V/400V Random Phase MFP-4L Phototriac Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High isolation 3750 VRMS
•
•
•
•
Peak Breakdown Voltage
250V – CTM3010,3011,3012
400V – CTM3020,3021,3022,3023
•
•
•
•
Temperature range - 55 °C to 100 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
•
•
•
•
Green package
Description
The CTM3010, CTM3011, CTM3012, CTM3020,
CTM3021, CTM3022 and CTM3023 consists of a
Random Phase Photo Triac optically coupled to a
gallium arsenide Infrared-emitting diode in a 4 pin
mini-flat package.
Applications
•
•
•
•
Motor Controls
•
•
•
•
Lamp ballasts
•
•
•
•
Static AC Power Switch
•
•
•
•
Solenoid/ Valve Control
•
•
•
•


Similar Part No. - CTM3010

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTM3031 CTMICRO-CTM3031 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
CTM3032 CTMICRO-CTM3032 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
CTM3033 CTMICRO-CTM3033 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
CTM3041 CTMICRO-CTM3041 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
CTM3042 CTMICRO-CTM3042 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
More results

Similar Description - CTM3010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
CT Micro International ...
CT3010 CTMICRO-CT3010 Datasheet
811Kb / 12P
250V/400V Random Phase 6-Pin Phototriac Optocoupler
CT3010-5L CTMICRO-CT3010-5L Datasheet
746Kb / 8P
250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3051 CTMICRO-CT3051 Datasheet
809Kb / 12P
600V Random Phase 6-Pin Phototriac Optocoupler
CT3051-5L CTMICRO-CT3051-5L Datasheet
743Kb / 8P
600V Random Phase 5-Pin Phototriac Optocoupler
CTM3051 CTMICRO-CTM3051 Datasheet
957Kb / 10P
600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler
CTM3031 CTMICRO-CTM3031 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com