Electronic Components Datasheet Search
  English  ▼

X  

CTS600 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTS600
Description  SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS600 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTS600 Datasheet HTML 1Page - CT Micro International Corporation CTS600 Datasheet HTML 2Page - CT Micro International Corporation CTS600 Datasheet HTML 3Page - CT Micro International Corporation CTS600 Datasheet HTML 4Page - CT Micro International Corporation CTS600 Datasheet HTML 5Page - CT Micro International Corporation CTS600 Datasheet HTML 6Page - CT Micro International Corporation CTS600 Datasheet HTML 7Page - CT Micro International Corporation CTS600 Datasheet HTML 8Page - CT Micro International Corporation CTS600 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 2
Jun, 2018
CTS600, CTS601, CTS611
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage
5000
VRMS
1
TOPR
Operating temperature
-55 ~ +125
oC
TSTG
Storage temperature
-55 ~ +150
oC
TSOL
Soldering temperature
260
oC
2
Emitter
IF
Forward current
50
mA
VR
Reverse voltage
5
V
fPD
Power dissipation
100
mW
Detector
PDf
Power dissipation
85
mW
IO
Average Output current
50
mA
VCC
Supply voltage
3~7
V
VO
Output voltage
3~7
V
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For reflow process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com