Electronic Components Datasheet Search
  English  ▼

X  

CTT2213 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CTT2213
Description  600V Zero Cross High Power Photo TRIAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTT2213 Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CTT2213 Datasheet HTML 4Page - CT Micro International Corporation CTT2213 Datasheet HTML 5Page - CT Micro International Corporation CTT2213 Datasheet HTML 6Page - CT Micro International Corporation CTT2213 Datasheet HTML 7Page - CT Micro International Corporation CTT2213 Datasheet HTML 8Page - CT Micro International Corporation CTT2213 Datasheet HTML 9Page - CT Micro International Corporation CTT2213 Datasheet HTML 10Page - CT Micro International Corporation CTT2213 Datasheet HTML 11Page - CT Micro International Corporation CTT2213 Datasheet HTML 12Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 8
Nov, 2017
CTT0213, CTT1213, CTT2213, CTT3213
600V Zero Cross High Power Photo TRIAC
Device Marking
Note:
CT
:
Denotes “CT Micro”
T3213
: Product Number
V
: VDE Safety Mark (option)
Y
: Fiscal Year
WW
: Work Week
K
: Production Code
Ordering Information
CTTX213(V)(Y)(Z)
CT
=
Denotes “CT Micro”
TX213
= Product Number (Current Rating Option X=0, 1, 2, or 3)
V
= VDE safety mark option (V, or none)
Y
= Lead form option (S, SL, M or none)
Z
= Tape and reel option (T1, T2 or none)
Option
Description
Quantity
None
Standard 8 Pin Dip
40 Units/Tube
M
Gullwing (400mil) Lead Forming
40 Units/Tube
S(T1)
Surface Mount Lead Forming
– With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming
– With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming
– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming
– With Option 2 Taping
1000 Units/Reel
CT
T3213
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com