Electronic Components Datasheet Search
  English  ▼

X  

PE3C5849 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C5849
Description  Plenum 4.1/9.5 Mini DIN Male Right Angle to N Male Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5849 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C5849 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5849 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5849 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5849 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5849 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5849 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Coniguration
•
Connector 1: 4.1/9.5 Mini DIN Male Right Angle
•
Connector 2: N Male
• Cable Type: SPP-250-LLPL
Features
•
Max Frequency 5.8 GHz
•
Low PIM: -160 dBc Max
•
Shielding Efectivity > 100 dB
•
76% Phase Velocity
•
FEP Jacket
•
100% Tested with PIM Test Results Marked on Cable
•
UL910 Plenum Rated Cable
•
Lightweight and Extremely Flexible
•
Low Loss with Excellent VSWR
•
IP67 (when mated)
SPP-250-LLPL
.280
7.11
JACKET
OUTER SHIELD
DIELECTRIC
SOLID CENTER
CONDUCTOR
Applications
•
General Purpose
•
Laboratory Use
• Low PIM Applications
• Distributed Antenna Systems
(DAS)
•
Plenum Installations
•
Multi-Carrier Communication
Systems
• PIM Testing
.
Description
Pasternack’s PE3C5849 4.1/9.5 Mini DIN male right angle to type N male cable using SPP-250-LLPL coax is part of our full
line of RF components available for same-day shipping. Pasternack’s corrugated RF cable assemblies are ideal for applica-
tions where durability and high power are needed. This Pasternack 4.1/9.5 Mini DIN to type N cable assembly has a male to
male gender coniguration with 50 ohm corrugated SPP-250-LLPL coax. The PE3C5849 4.1/9.5 Mini DIN male to type N male
cable assembly operates to 5.8 GHz. Our low PIM design also ofers excellent passive intermodulation performance with PIM
levels better than -160 dBc. The right angle 4.1/9.5 Mini DIN interface on the SPP-250-LLPL cable allows for easier connec-
tions in tight spaces.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certiications: Plenum 4.1/9.5 Mini DIN Male Right Angle to N Male Low PIM Cable Using SPP-250-LLPL
Coax , LF Solder PE3C5849
PE3C5849 REV 1.0
Plenum 4.1/9.5 Mini DIN Male Right Angle to N Male
Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
RF Ca ble Asse m blie s Te c hnic a l Da t a She e t
PE3 C5 8 4 9


Similar Part No. - PE3C5849

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5840 PASTERNACK-PE3C5840 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to 4.3-10 Male Low PIM Cable
PE3C5841 PASTERNACK-PE3C5841 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Fema Low PIM Cable
PE3C5843 PASTERNACK-PE3C5843 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to N Male Low PIM Cable
PE3C5844 PASTERNACK-PE3C5844 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to QMA Male Low PIM
PE3C5845 PASTERNACK-PE3C5845 Datasheet
522Kb / 6P
Plenum 4.1/9.5 Mini DIN Female to SMA Male Low PIM
More results

Similar Description - PE3C5849

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
PE3C5841 PASTERNACK-PE3C5841 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Fema Low PIM Cable
PE3C5847 PASTERNACK-PE3C5847 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Right Angle Low PIM Cable
PE3C5850 PASTERNACK-PE3C5850 Datasheet
523Kb / 6P
Plenum 4.1/9.5 Mini DIN Male Right Angle to QMA Male Low PIM Cable
PE3C5851 PASTERNACK-PE3C5851 Datasheet
521Kb / 6P
Plenum 4.1/9.5 Mini DIN Male Right Angle to SMA Male Low PIM Cable
PE3C5852 PASTERNACK-PE3C5852 Datasheet
522Kb / 6P
Plenum 4.1/9.5 Mini DIN Male Right Angle to 4.1/9.5 Mini DIN Male Right Angle Low PIM Cable
PE3C5866 PASTERNACK-PE3C5866 Datasheet
522Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to QMA Male Low PIM Cable
PE3C5872 PASTERNACK-PE3C5872 Datasheet
669Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to QMA Male Right Angle Low PIM Cable
PE3C5885 PASTERNACK-PE3C5885 Datasheet
674Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to SMA Male Low PIM Cable
PE3C5890 PASTERNACK-PE3C5890 Datasheet
669Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to SMA Male Right Angle Low PIM Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com