Electronic Components Datasheet Search
  English  ▼

X  

BUGC20DAPH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BUGC20DAPH
Description  Ultrafast Efficient Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BUGC20DAPH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BUGC20DAPH Datasheet HTML 1Page - Zowie Technology Corporation BUGC20DAPH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(200V / 2.0A)
BUGC20DAPH
Ultrafast Efficient Rectifier
* Halogen-free type
* Compliance to RoHS product
* Glass passivated chip
* Lead less chip form, no lead damage
* For surface mounted applications
* Low power loss, High efficiency
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
MECHANICAL DATA
2018/04
REV. 0
* 5,000 pieces per 13" (330mm ± 2mm) reel
* 2 reels per box
* 5 boxes per carton
PACKING
Unit : mm
Case : 2114
OUTLINE DIMENSIONS
MARKING
JEDEC : SMB
DO-214AA
BU20
DAP
ITEM
Symbol
Conditions
Typ.
Max.
Unit
66
-
Rth(JA)
Junction to ambient (NOTE 1)
Thermal resistance
oC/W
8
-
Rth(JL)
Junction to lead (NOTE 1)
pF
38
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
0.20
3
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 2.0A
V
0.92
1.0
Forward voltage
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
200
V
IF(AV)
A
IFSM
A
Tj,TSTG
50
2
5
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Rating
2.0
Repetitive peak reverse voltage
Operating storage temperature Range
oC
nS
Trr
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
Electrical characteristics
5.2 ± 0.1
1.15 ± 0.1
1.15 ± 0.1
R0.695
± 0.0
15
ZOWIE
NOTES : (1) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
(2) Preliminary specification.


Similar Part No. - BUGC20DAPH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BUGC20DH ZOWIE-BUGC20DH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
More results

Similar Description - BUGC20DAPH

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SUF15G GE-SUF15G Datasheet
55Kb / 2P
ULTRAFAST EFFICIENT RECTIFIER
logo
Zowie Technology Corpor...
AUSUGC10JH ZOWIE-AUSUGC10JH Datasheet
44Kb / 2P
Ultrafast Efficient Rectifier
SUGC08KH ZOWIE-SUGC08KH Datasheet
38Kb / 2P
Ultrafast Efficient Rectifier
UGC10DAPH ZOWIE-UGC10DAPH Datasheet
46Kb / 2P
Ultrafast Efficient Rectifier
UGC20DAPH ZOWIE-UGC20DAPH Datasheet
45Kb / 2P
Ultrafast Efficient Rectifier
BUGC20DH ZOWIE-BUGC20DH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
BUGC30DH ZOWIE-BUGC30DH Datasheet
66Kb / 2P
Ultrafast Efficient Rectifier
BYD127ZH ZOWIE-BYD127ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
BYD147ZH ZOWIE-BYD147ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
BYD187ZH ZOWIE-BYD187ZH Datasheet
47Kb / 2P
Ultrafast Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com