Electronic Components Datasheet Search
  English  ▼

X  

T1201 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # T1201
Description  ISDN/T1/E1 TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

T1201 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  T1201 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
T12XX SERIES
• Meets ITU-T G703 Requirements
• Improvements on ET and Harmonic Distortion over long haul
• RoHS compliant product
• Operating Temperature: -40°C to +85°C
• OCL measured @ 10KHz, 0.1VRMS
• Turns Ratio: 1:1:1:1 ±2% ( 6-9:7-10:5-3:3-1)
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
Turns
Ratio
(Pri:Sec ±2%)
Primary
Pins
OCL Pri
(mH)
Transmite Rate
(Kbps)
ET Constant
(V
-µSec MIN)
Isolation
(V
RMS MIN)
Package
T1201
1:1:1:1
(6-9) + (7-10)
9.0±10%
64-2048
25
1500
Thru Hole
T1201G
1:1:1:1
(6-9) + (7-10)
9.0±10%
64-2048
25
1500
SMD
T1202
1:1:1:1
6-9/7-10
11 min
64-256
20
1500
Thru Hole
T1202G
1:1:1:1
6-9/7-10
11 min
64-256
20
1500
SMD
T1203
1:1:1:1
6-9/7-10
1.15±15%
512-2048
60
1500
Thru Hole
T1203G
1:1:1:1
6-9/7-10
1.15±15%
512-2048
60
1500
SMD
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
ISDN/T1/E1 TRANSFORMER
DIMENSIONS (mm)
Thru Hole
SMD
SCHEMATIC
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - T1201

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
T1201N EUPEC-T1201N Datasheet
279Kb / 9P
Phase Control Thyristor
More results

Similar Description - T1201

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA3296S PCA-EPA3296S Datasheet
41Kb / 1P
T1/E1 ISDN Transformer
EPA3492S PCA-EPA3492S Datasheet
88Kb / 1P
T1/E1 and ISDN-PRI Transformer
logo
Bothhand USA, LP.
4S1124 BOTHHAND-4S1124 Datasheet
66Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
2001/05/29
4S1473M BOTHHAND-4S1473M Datasheet
101Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
8S1073M BOTHHAND-8S1073M Datasheet
317Kb / 2P
T1/CEPT(E1)/ISDN-PRI TRANSFORMER
S1035 BOTHHAND-S1035 Datasheet
56Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
S4937A BOTHHAND-S4937A Datasheet
20Kb / 1P
ISDN T1/E1 TRANSFORMER
S1188M BOTHHAND-S1188M Datasheet
73Kb / 1P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
logo
Pulse A Technitrol Comp...
TX1341NL PULSE-TX1341NL Datasheet
453Kb / 2P
T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com