Electronic Components Datasheet Search
  English  ▼

X  

T5004 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # T5004
Description  SHIELDED DIGITAL AUDIO TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

T5004 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  T5004 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
T500X SERIES
• Shielded Transformer
• Lowest Jitter
• Highest CMR
• 28-192KHz sample rate
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
Turns
Ratio
(1-4:5-8 ±2%)
OCL
(µH MIN)
1-4
L
L
(µH MAX)
1-4
C
WW
(pF MAX)
1-8
DC Resistance
(Ω MAX)
1-4/5-8
Package
T5004
1:1
600
1.50
100
1.5 & 1.5
SMD
T5005
1:1
600
1.50
100
3.00
Thru Hole
NOTES:
1. OCL measured at 50KHz, 0.25V
RMS
2. C
WW measured between pin 1 and 8 with pin 2 or 6 to guard voltage
3. Hipot: 2KVDC, 0.5mA max, 3 seconds (1,4 to 5,8)
4. L
L and CWW measured at 100KHz 0.25VRMS
5. Do not ground both pin 2 and pin 6 at the same time
6. Polarity: 1 & 5 are in phase
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SHIELDED DIGITAL
AUDIO TRANSFORMER
DIMENSIONS (mm)
SMD
Thru Hole
SCHEMATIC
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - T5004

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T5004 PULSE-T5004 Datasheet
154Kb / 8P
TRANSFORMERS
More results

Similar Description - T5004

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-880 RHOMBUS-IND-T-880 Datasheet
32Kb / 1P
Digital Audio Transformer
05/09/97
T-881 RHOMBUS-IND-T-881 Datasheet
29Kb / 1P
Digital Audio Transformer
11/28/96
T-1292 RHOMBUS-IND-T-1292 Datasheet
23Kb / 1P
DIGITAL AUDIO Transformer
T-1396 RHOMBUS-IND-T-1396 Datasheet
19Kb / 1P
Digital Audio Transformer
logo
Central Technologies
CT-65612 CT-CT-65612 Datasheet
188Kb / 1P
Digital Audio Data Transformer
logo
Bothhand USA, LP.
S5812 BOTHHAND-S5812 Datasheet
27Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
S5612M BOTHHAND-S5612M Datasheet
244Kb / 1P
DIGITAL AUDIO DATA TRANSFORMER
logo
SCHOTT CORPORATION
37211 SCHOTT-37211_1 Datasheet
15Kb / 1P
TRANSFORMER DIGITAL AUDIO SMD
37246 SCHOTT-37246_1 Datasheet
16Kb / 1P
TRANSFORMER DIGITAL AUDIO SMD
logo
Allied Components Inter...
ADT3727S ALLIED-ADT3727S Datasheet
507Kb / 1P
Digital Audio Interface Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com