Electronic Components Datasheet Search
  English  ▼

X  

IXFX44N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX44N80P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX44N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX44N80P Datasheet HTML 1Page - IXYS Corporation IXFX44N80P Datasheet HTML 2Page - IXYS Corporation IXFX44N80P Datasheet HTML 3Page - IXYS Corporation IXFX44N80P Datasheet HTML 4Page - IXYS Corporation IXFX44N80P Datasheet HTML 5Page - IXYS Corporation IXFX44N80P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2018 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25C to 150C
800
V
V
DGR
T
J = 25C to 150C, RGS = 1M
800
V
V
GSS
Continuous
 30
V
V
GSM
Transient
 40
V
I
D25
T
C = 25C
44
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
100
A
I
A
T
C = 25C
22
A
E
AS
T
C = 25C
3.4
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ 150C
10
V/ns
P
D
T
C = 25C
1040
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in
F
C
Mounting Force (PLUS247)
20..120 /4.5..27
N/lb
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 800μA
800
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = 30V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
50
A
T
J = 125C
1.5 mA
R
DS(on)
V
GS = 10V, ID = 22A, Note 1
190 m
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFK44N80P
IXFX44N80P
V
DSS
= 800V
I
D25
= 44A
R
DS(on)

190m
DS99478F(12/18)
Features
International Standard Packages
Fast Intrinsic Diode
Avalanche Rated
Low R
DS(on)
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
PolarTM
HiperFETTM
Power MOSFET
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXFX)
Tab
G
D
S
TO-264 (IXFK)
S
G
D
Tab


Similar Part No. - IXFX44N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX44N80P IXYS-IXFX44N80P Datasheet
101Kb / 4P
PolarHV HiPerFET Power MOSFET
More results

Similar Description - IXFX44N80P

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com