Electronic Components Datasheet Search
  English  ▼

X  

RHRP3060 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # RHRP3060
Description  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

RHRP3060 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  RHRP3060 Datasheet HTML 1Page - Inchange Semiconductor Company Limited RHRP3060 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
RHRP3060
FEATURES
·
With TO-220 packaging
·
Metal silicon junction, majority carrier conduction
·
Low power loss, high efficiency
·
Guardring for overvoltage protection
·
High surge capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
High frequency inverters
·
Reverse battery protection
·
Polarity protection applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current @Tc=120℃
30
A
IFRM
Repetitive Peak Forward Current
70
A
IFSM
Nonrepetitive Peak Surge Current
60Hz
325
A
Pt
Total Power Dissipation @Tc=104℃
125
W
Tj
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060 Datasheet
341Kb / 5P
30A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRP3060 INTERSIL-RHRP3060 Datasheet
46Kb / 4P
30A, 400V - 600V Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060 Datasheet
669Kb / 5P
30A, 600V Hyperfast Diodes
logo
Thinki Semiconductor Co...
RHRP3060 THINKISEMI-RHRP3060 Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Single Fast Recovery Epitaxial Diode
RHRP3060U THINKISEMI-RHRP3060U Datasheet
1Mb / 3P
30.0 Ampere SwitchMode Ultrafast Recovery Epitaxial Diode
More results

Similar Description - RHRP3060

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com