Electronic Components Datasheet Search
  English  ▼

X  

MP7612BS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7612BS
Description  Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Serial Data/Address uP Control Logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7612BS Datasheet(HTML) 1 Page - Exar Corporation

  MP7612BS Datasheet HTML 1Page - Exar Corporation MP7612BS Datasheet HTML 2Page - Exar Corporation MP7612BS Datasheet HTML 3Page - Exar Corporation MP7612BS Datasheet HTML 4Page - Exar Corporation MP7612BS Datasheet HTML 5Page - Exar Corporation MP7612BS Datasheet HTML 6Page - Exar Corporation MP7612BS Datasheet HTML 7Page - Exar Corporation MP7612BS Datasheet HTML 8Page - Exar Corporation MP7612BS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP7612
Rev. 3.00
E1996
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
z (510) 668-7000 z FAX (510) 668-7010
FEATURES
• Eight Independent 12-Bit DACs with Output Amplifiers
• Low Power 320 mW (typ.)
• Serial Digital Data and Address Port (3-Wire
Standard)
• 12-Bit Resolution, 11 Bit Accuracy
• Extremely Well Matched DACs
• Extremely Low Analog Ground Current (<60µA/Channel)
• +10 V Output Swing with +11.4 V Supplies
• Zero Volt Output Preset (Data = 10 .. 00)
• Rugged Construction – Latch-Up Free
• Parallel Version: MP7613
Octal 12-Bit DAC ArrayTM
D/A Converter with Output Amplifier
and Serial Data/Address
µP Control Logic
APPLICATIONS
• Data Acquisition Systems
• ATE
• Process Control
• Self-Diagnostic Systems
• Logic Analyzers
• Digital Storage Scopes
• PC Based Controller/DAS
...the analog plus companyTM
April 1996-4
GENERAL DESCRIPTION
The MP7612 provides eight independent 12-bit resolution
Digital-to-Analog Converters with voltage output amplifiers and
a 3-wire standard serial digital address and data port.
Typical DAC matching for B grade versions is 0.7 LSB across
all codes. Accuracy of +0.75 LSB for DNL and +1 LSB for INL is
also achieved for B grades. The output amplifier is capable of
sinking and sourcing 5mA, and the output voltage settles to
12-bits in less than 30
µs (typ.).
The MP7612 is equipped with a serial data (3-wire standard)
µ-processor logic interface to reduce pin count, package size,
and board space.
Built using an advanced linear BiCMOS, these devices offer
rugged solutions that are latch-up free, and take advantage of
EXAR’s patented thin-film resistor process which exhibits excel-
lent long term stability and reliability.
SIMPLIFIED BLOCK DIAGRAM
VO0
VO7
SDO
VRP
VRN
DAC0
DAC7
VRP
VRN
+
–
+
–
DQ
XR XE
LAT0
LAT7
DQ
XR XE
12
12
RST
VRN
VRP
+
–
Tri-State Buffer
XE0 - XE7
4 to 16 Decoder
Not Used
8
LD
12
4
SDI
CLK
LD
LAT
DQ
EN
LAT
DQ
EN
A0 to A3
D0 to D11
16-Bit Shift Register
VEE
VEE
VCC
VCC AGND
AGND VREF DGND DVDD
VRP
XE0
XE7
LD
8


Similar Part No. - MP7612BS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AP EXAR-MP7610AP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610AS EXAR-MP7610AS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BP EXAR-MP7610BP Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7610BS EXAR-MP7610BS Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
More results

Similar Description - MP7612BS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2610 WOLFSON-WM2610 Datasheet
159Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Power Down
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
WM2630 WOLFSON-WM2630 Datasheet
126Kb / 13P
Octal 12-bit, Serial Input, Voltage Output DAC with Internal Reference
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
Quad 12-Bit Serial Voltage Output DAC
REV.0
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
Serial Output 5.6us 12-Bit A/D Converter
logo
Exar Corporation
MP7611 EXAR-MP7611 Datasheet
646Kb / 16P
Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
MP7613 EXAR-MP7613 Datasheet
219Kb / 16P
Octal 12-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address mP Control Logic
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
Analog Devices
AD7568 AD-AD7568_15 Datasheet
354Kb / 14P
Octal 12-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com