Electronic Components Datasheet Search
  English  ▼

X  

MDWI06 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MDWI06
Description  DC-DC CONVERTER 6W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDWI06 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MDWI06 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDWI06 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MDWI06 SERIES
DC-DC CONVERTER 6W, Regulated Output, DIP Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/08/31 REV:3
Page 1 of 4
®
FEATURES
►Smallest Encapsulated 6W Converter
►Industrial Standard DIP-16 Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►I/O Isolation 1500 VDC
►Operating Temp. Range -40℃ to +90℃
►Low No Load Power Consumption
►No Min. Load Requirement
►Under-voltage, Overload and Short Circuit Protection
►Shielded Metal Case with Insulated Baseplate
►Conducted EMI EN 55032 Class A & FCC Level A Approved
►UL/cUL/IEC/EN 62368-1 (60950-1) Safety Approval & CE Marking
PRODUCT OVERVIEW
The MINMAX MDWI06 series is the latest generation of high performance DC-DC converter modules setting a new standard concerning power density.
The product offers a full 6W isolated DC-DC converter within an encapsulated DIP-16 package which occupies only 0.5 in2 of PCB space. There are 14
models available for 24, 48VDC with wide 4:1 input voltage range. Further features include under-voltage protection, overload protection, short circuit
protection and no min. load requirement as well. An high efficiency allows operating temperatures range of -40℃ to +90℃.
These DC-DC converters offer a superior solution for many space-critical applications in battery-powered equipment, instrumentation, distributed power
architectures in communication, industrial electronics, energy facilities and many other critical applications where PCB space is limited.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MDWI06-24S033
24
(9 ~ 36)
3.3
1500
264
8
680
78
MDWI06-24S05
5
1200
305
680
82
MDWI06-24S12
12
500
291
330
86
MDWI06-24S15
15
400
291
330
86
MDWI06-24S24
24
250
287
150
87
MDWI06-24D12
±12
±250
291
150#
86
MDWI06-24D15
±15
±200
287
150#
87
MDWI06-48S033
48
(18 ~ 75)
3.3
1500
132
6
680
78
MDWI06-48S05
5
1200
152
680
82
MDWI06-48S12
12
500
145
330
86
MDWI06-48S15
15
400
145
330
86
MDWI06-48S24
24
250
144
150
87
MDWI06-48D12
±12
±250
144
150#
87
MDWI06-48D15
±15
±200
144
150#
87
# For each output


Similar Part No. - MDWI06

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03-24D05 MINMAX-MDWI03-24D05 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
logo
Total Power Internation...
MDWI03-24D05 TOTAL-POWER-MDWI03-24D05 Datasheet
454Kb / 4P
Ultra compact DIP Package
logo
Minmax Technology Co., ...
MDWI03-24D12 MINMAX-MDWI03-24D12 Datasheet
330Kb / 4P
DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results

Similar Description - MDWI06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD05 ETC1-FDD05 Datasheet
147Kb / 4P
DC-DC CONVERTER 5 ~ 6W
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
DC/DC CONVERTER 6W, DIP Package
MSGWI06 MINMAX-MSGWI06_15 Datasheet
397Kb / 5P
DC/DC CONVERTER 6W, SMD Package
logo
MORNSUN Science& Techno...
LDE06-20B03 MORNSUN-LDE06-20B03 Datasheet
1Mb / 5P
6W, AC/DC converter
logo
Minmax Technology Co., ...
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
DC-DC CONVERTER 6W
logo
HY-LINE Power Component...
P6C053R3S HY-LINE-P6C053R3S Datasheet
167Kb / 3P
6W DC-DC Converter P6C-Series
Rev: 02.14 f
P6M053R3S HY-LINE-P6M053R3S Datasheet
224Kb / 3P
6W DC-DC Converter P6M-Series
Rev: 01.14 f
P6X05S33 HY-LINE-P6X05S33 Datasheet
217Kb / 2P
6W DC-DC Converter P6X-Series
Rev: 02 / 2008 f
P6Y1205S HY-LINE-P6Y1205S Datasheet
102Kb / 2P
6W DC-DC Converter P6Y-Series
Rev: 2.06 f
P6Z243R3S HY-LINE-P6Z243R3S Datasheet
182Kb / 3P
6W DC-DC Converter P6Z-Series
Rev: 8.07 f
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com