Electronic Components Datasheet Search
  English  ▼

X  

MIZI03 Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MIZI03
Description  DC-DC CONVERTER 3W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIZI03 Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MIZI03 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIZI03 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIZI03 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIZI03 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIZI03 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MIZI03 SERIES
DC-DC CONVERTER 3W, Railway Certified
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/08/31 REV:4
Page 4 of 5
®
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
11
No Pin
Common
12
-Vout
No Pin
13
+Vout
-Vout
15
No Pin
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pin diameter 0.6 ±0.05 (0.024±0.002)
Physical Characteristics
Case Size
: 31.8x20.3x12.0mm (1.25x0.8x0.47 inches)
Case Material
: Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Pin Material
: Tinned Copper
Weight
: 15.4g
Bottom View
11
13
15
24
20.32 [0.80]
31.8 [1.25]
0.60 [0.024]
5.08
[0.20]
23
2.54
[0.10]
12
2.0
[0.08]
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com