Electronic Components Datasheet Search
  English  ▼

X  

STR5A460 Datasheet(PDF) 21 Page - Sanken electric

Part # STR5A460
Description  For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR5A460 Datasheet(HTML) 21 Page - Sanken electric

Back Button STR5A460 Datasheet HTML 17Page - Sanken electric STR5A460 Datasheet HTML 18Page - Sanken electric STR5A460 Datasheet HTML 19Page - Sanken electric STR5A460 Datasheet HTML 20Page - Sanken electric STR5A460 Datasheet HTML 21Page - Sanken electric STR5A460 Datasheet HTML 22Page - Sanken electric STR5A460 Datasheet HTML 23Page - Sanken electric STR5A460 Datasheet HTML 24Page - Sanken electric STR5A460 Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
STR5A460 Series
STR5A460-DSE Rev.3.5
SANKEN ELECTRIC CO., LTD.
21
Aug. 21, 2018
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2013
2) Set Switching Frequency, fSW2
When fSW at the intersection of ILH2_f and ILH2_DCM is
in the range of fMIN to fTYP as shown in Figure 9-3,
fSW2 is set to that value. When fSW is out of the range
as shown in Figure 9-4, fSW2 is set to the limited value
which is fMIN or fTYP of the over range side.
3) Calculate On-duty, DON2
The condition of DDCM2 : < DCCM2
4) Calculate ILH2, ILL2, and ILR2
ILH2 is the value at the intersection of fSW2 which is
given in the previous 2) and ILH2_DCM. Otherwise, ILH2
is given below.
(B-2-1-2-4) ILH2
If ILH2 is IDLIM_MIN or more, try the procedure 1 in
Section (B-2-1-1-5) to decrease it.
(B-2-1-2-5) On-time, tON2
If tON2 is less than 400 ns, try the procedure 1 in
Section (B-2-1-1-5) to increase it.
(B-2-1-2-6) IDRMS2, ILRMS2
These are given by substituting ILH2, ILL2, DON2, and
DCCM2 for ILH1, ILL1, DON1, and DCCM1 in the equation of
Section (B-2-1-1-7), respectively.
(B-2-1-3) Inductor Current specification
The saturation current of the inductor should be
enough larger than IDLIM_MAX.
The rating current refers to the equation of RMS in
Section (B-2-1-1-7).
(B-2-2) Parameter Calculation Assigned LUSER
Parameter calculation assigned LUSER at VDCIN_MIN and
VDCIN_MAX is similar to the way of Section (B-2-1-2)..
Parameters assigned LUSER are given by substituting
the input voltage and LUSER for VDCIN_MAX and LCALC.
If the conditions of calculation aren’t satisfied,
increase LUSER setting, or decrease IOUT setting, and then
try to calculate again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com