Electronic Components Datasheet Search
  English  ▼

X  

STR-A6000MZ Datasheet(PDF) 23 Page - Sanken electric

Part # STR-A6000MZ
Description  Off-Line PWM Controllers with Integrated Power MOSFET
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6000MZ Datasheet(HTML) 23 Page - Sanken electric

Back Button STR-A6000MZ Datasheet HTML 18Page - Sanken electric STR-A6000MZ Datasheet HTML 19Page - Sanken electric STR-A6000MZ Datasheet HTML 20Page - Sanken electric STR-A6000MZ Datasheet HTML 21Page - Sanken electric STR-A6000MZ Datasheet HTML 22Page - Sanken electric STR-A6000MZ Datasheet HTML 23Page - Sanken electric STR-A6000MZ Datasheet HTML 24Page - Sanken electric STR-A6000MZ Datasheet HTML 25Page - Sanken electric STR-A6000MZ Datasheet HTML 26Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STR-A6000MZ/HZ Series
STR-A6000MZ/HZ - DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
23
Mar.13, 2015
12. Reference Design of Power Supply
As an example, the following show the power supply specification, the circuit schematic, the bill of materials, and
the transformer specification.
 Circuit schematic
IC
STR-A6069HZ
Input voltage
AC85V to AC265V
Maximum output power
7.5 W
Output voltage
5 V
Output current
1.5 A (max.)
 Circuit schematic
3
C3
T1
D51
R52
U51
D
P1
S2
PC1
4
L51
L2
C52
R53
C2
F1
1
3
C1
TH1
L1
R1
NC
1
2
4
D/ST
D/ST
BR
S/OCP
FB/OLP
VCC
8
7
5
STR-A6000×Z
U1
GND
3
5V/1.5A
C4
C6
C7
C5
C8
C9
D2
D5
D6
R2
R3
R4
R7
R8
R9
C51
C53
R51
R54
R55
R56
R57
PC1
C55
S1
D1
D3
D4
TC_STR-A6000xZ_3_R3
 Bill of materials
Symbol
Part type
Ratings
(1)
Recommended
Sanken Parts
Symbol
Part type
Ratings
(1)
Recommended
Sanken Parts
F1
Fuse
AC250V, 3A
R4
(3)
Metal oxide
330kΩ, 1W
L1
(2)
CM inductor
3.3mH
R7
General
330kΩ
L2
(2)
Inductor
470μH
R8
(3)
General
2.2MΩ
TH1
(2)
NTC thermistor
Short
R9
(3)
General
2.2MΩ
D1
General
600V, 1A
EM01A
PC1
Photo-coupler
PC123 or equiv
D2
General
600V, 1A
EM01A
U1
IC
-
STR-A6069HZ
D3
General
600V, 1A
EM01A
T1
Transformer
See the
specification
D4
General
600V, 1A
EM01A
L51
Inductor
5μH
D5
Fast recovery
1000V, 0.5A
EG01C
D51
Schottky
90V, 4A
FMB-G19L
D6
Fast recovery
200V, 1A
AL01Z
C51
Electrolytic
680μF, 10V
C1
(2)
Film, X2
0.047μF, 275V
C52
(2)
Ceramic
0.1μF, 50V
C2
Electrolytic
10μF, 400V
C53
Electrolytic
330µF, 10V
C3
Electrolytic
10μF, 400V
C55
(2)
Ceramic
1000pF, 1kV
C4
Ceramic
1000pF, 630V
R51
General
220Ω
C5
Electrolytic
22μF, 50V
R52
General
1.5kΩ
C6
(2)
Ceramic
0.01μF
R53
(2)
General
22kΩ
C7
(2)
Ceramic
1000pF
R54
General, 1%
Short
C8
(2)
Ceramic
Open
R55
General, 1%
10kΩ
C9
Ceramic, Y1
2200pF, 250V
R56
General, 1%
10kΩ
R1
(2)
General
Open
R57
General
Open
R2
(2)
General
4.7Ω
U51
Shunt regulator
VREF=2.5V
TL431 or equiv
R3
General
1.5Ω, 1/2W
(1) Unless otherwise specified, the voltage rating of capacitor is 50 V or less and the power rating of resistor is 1/8 W or less.
(2) It is necessary to be adjusted based on actual operation in the application.
(3) Resistors applied high DC voltage and of high resistance are recommended to select resistors designed against electromigration or use
combinations of resistors in series for that to reduce each applied voltage, according to the requirement of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com