Electronic Components Datasheet Search
  English  ▼

X  

WMP Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # WMP
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMP Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button WMP Datasheet HTML 3Page - List of Unclassifed Manufacturers WMP Datasheet HTML 4Page - List of Unclassifed Manufacturers WMP Datasheet HTML 5Page - List of Unclassifed Manufacturers WMP Datasheet HTML 6Page - List of Unclassifed Manufacturers WMP Datasheet HTML 7Page - List of Unclassifed Manufacturers WMP Datasheet HTML 8Page - List of Unclassifed Manufacturers WMP Datasheet HTML 9Page - List of Unclassifed Manufacturers WMP Datasheet HTML 10Page - List of Unclassifed Manufacturers WMP Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
WD1M
S I N G L E C H A N N E L P O W E R U N I T
Specifications:
Voltage
120 V (input); 24 V (output)
Footprint
5.27" x 4.25" x 5.77" (134 x 108 x 147 mm)
Power consumption
85W
Temperature range
150° F - 850° F (50° C - 450° C)
ESD safe
Yes
Temperature accuracy
± 17° F (± 9° C)
Temperature stability
± 9° F (± 5° C)
WD2M
D U A L C H A N N E L P O W E R U N I T
Specifications:
Voltage
120 V (input); 24 V (output)
Footprint
5.27" x 4.25" x 5.77" (134 x 108 x 147 mm)
Power consumption
160W
Temperature range
150° F - 850° F (50° C - 450° C)
ESD safe
Yes
Temperature accuracy
± 17° F (± 9° C)
Temperature stability
± 9° F (± 5° C)
WD2000M
W D 2 M D U A L C H A N N E L P O W E R U N I T
W I T H W M R P M I C R O S O L D E R I N G P E N C I L
A N D W M R H S O L D E R I N G P E N C I L S TA N D ,
P L U S W M R T M I C R O T H E R M A L T W E E Z E R
A N D W M R T H S TA N D
Specifications:
Voltage
120 V (input); 24 V (output)
Footprint
5.27" x 4.25" x 5.77" (134 x 108 x 147 mm)
Power consumption
160W
Temperature range
150° F - 850° F (50° C - 450° C)
ESD safe
Yes
Temperature accuracy
± 17° F (± 9° C)
Temperature stability
± 9° F (± 5° C)
Stands
WMRH (Order No. 0051514599)
WMRTH (Order No. 0051514699)
Pencils
WMRP Micro Soldering Pencil (Order No. 0052917199)
WMRT Micro Tweezers (Order No. 0051317399)
WD1000M
W D 1 M S I N G L E C H A N N E L P O W E R U N I T
W I T H W M R P M I C R O S O L D E R I N G P E N C I L
A N D W M R H S O L D E R I N G P E N C I L S TA N D
Specifications:
Voltage
120 V (input); 24 V (output)
Footprint
5.27" x 4.25" x 5.77" (134 x 108 x 147 mm)
Power consumption
85W
Temperature range
150° F - 850° F (50° C - 450° C)
ESD safe
Yes
Temperature accuracy
± 17° F (± 9° C)
Temperature stability
± 9° F (± 5° C)
Stand
WMRH (Order No. 0051514599)
Pencil
WMRP (Order No. 0052917199)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com