Electronic Components Datasheet Search
  English  ▼

X  

WD2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # WD2
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button WD2 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 9Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 10Page - List of Unclassifed Manufacturers WD2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Special function screens
put you in control
The special function menus on all WD stations allow you to quickly and easily
access six advanced features. Scrolling through the menu is simple, with no
complicated button-pressing sequences.
Temperature Lockout
Allows supervisor to easily set
a temperature that cannot be
changed by the operator.
Auto-Off Time
Allows programming of the
number of minutes of inactivity
(1– 999), before the station
powers off automatically.
F˚/C˚ Switching
Allows the temperature display
to read in either °F or °C,
depending on your process
or preference.
Temperature Offset
Allows the display temperature
to be adjusted ± 72°F when
working with higher mass tips,
where the temperature reading
can be affected by the
mass of the tip.
Setback Time
Allows programming of
the number of minutes (1– 99),
before the temperature sets
back to idle mode.
Standby Temperature
Allows selection of desired
setback temperature,
down to 200° F.
WD1 l WD2 l WD1M l WD2M



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com