Electronic Components Datasheet Search
  English  ▼

X  

WD2000M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WD2000M
Description  Big-screen simplicity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WD2000M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WD2000M Datasheet HTML 3Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 4Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 5Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 6Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 7Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 8Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 9Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 10Page - List of Unclassifed Manufacturers WD2000M Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
RT 1
Needle tip
–
–
0054460199
RT 2
Point tip
Ø 0.4 mm
–
0054460299
RT 3
Chisel shape, straight
1.3 mm
0.4 mm
0054460399
RT 4
Chisel shape, straight
1.5 mm
0.4 mm
0054460499
RT 5
Chisel shape, bent, 30°
0.8 mm
0.4 mm
0054460599
RT 6
Round shape, beveled, 45°
Ø 1.2 mm
–
0054460699
RT 7
Knife tip, 45°
2.2 mm
–
0054460799
RTW 1
Conical
0.2 mm
45°
0054465199
RTW 2
Conical
0.7 x 0.4 mm
45°
0054465299
RTW 3
Blade
3.0 x 0.7 mm
45°
0054465399
RTW 4
Blade
6.0 x 0.7 mm
45°
0054465499
TIPS
RT SERIES TIPS FOR WMRP MICRO SOLDERING PENCIL
Model
Description
Width A
Thickness B
Order No.
TIP SETS FOR WMRT SOLDERING TWEEZER
Model
Description
Dimensions
Order No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com