Electronic Components Datasheet Search
  English  ▼

X  

PCF84C42AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF84C42AT
Description  8-bit microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF84C42AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF84C42AT Datasheet HTML 2Page - NXP Semiconductors PCF84C42AT Datasheet HTML 3Page - NXP Semiconductors PCF84C42AT Datasheet HTML 4Page - NXP Semiconductors PCF84C42AT Datasheet HTML 5Page - NXP Semiconductors PCF84C42AT Datasheet HTML 6Page - NXP Semiconductors PCF84C42AT Datasheet HTML 7Page - NXP Semiconductors PCF84C42AT Datasheet HTML 8Page - NXP Semiconductors PCF84C42AT Datasheet HTML 9Page - NXP Semiconductors PCF84C42AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1996 Nov 20
6
Philips Semiconductors
Product specification
8-bit microcontrollers
PCF84C12A; PCF84C22A;
PCF84C42A
7
ROM MASK OPTIONS
8
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices. See
“Data Handbook IC14, Section: Handling MOS devices”.
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ROM CODE
OPTION
Program/data
Any mix of instructions and data up to ROM size of
1 kbyte for the PCF84C12A, 2 kbytes for the
PCF84C22A and 4 kbytes for the PCF84C42A.
Port Output
P0.0 to P0.7
standard
open-drain
push-pull
P1.0 to P1.4
standard
open-drain
push-pull
Port State after reset
P0.0 to P0.7
set
reset
−
P1.0 to P1.4
set
reset
−
Oscillator
Transconductance
LOW (gmL)
MEDIUM (gmM)
HIGH (gmH)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7
V
VI
all input voltages
−0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current except Port 1 output LOW
−10
+10
mA
Ptot
total power dissipation
−
125
mW
PO
power dissipation per output
−
30
mW
IDD
supply current
−50
+50
mA
ISS
ground supply current
−100
+50
mA
Tstg
storage temperature range
−55
+150
°C
Tj
operating junction temperature
−
90
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com