Electronic Components Datasheet Search
  English  ▼

X  

SCF25C60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCF25C60
Description  Silicon Controller Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCF25C60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCF25C60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCF25C60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCF25C60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCF25C60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCF25C60 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
Half Sine Wave : TC = 69 °C
16
A
IT(RMS)
R.M.S On-State Current
180° Conduction Angle
25
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, Sine Wave
Non-Repetitive
275
A
I2t
I2t for Fusing
t = 8.3ms
380
A2s
di/dt
Critical rate of rise of on-state current
50
A/㎲
PGM
Forward Peak Gate Power Dissipation
20
W
PG(AV)
Forward Average Gate Power Dissipation
Over any 20ms period
1
W
IFGM
Forward Peak Gate Current
5
A
VRGM
Reverse Peak Gate Voltage
5.0
V
VISO
Isolation Breakdown Voltage(R.M.S.)
A.C. 1 minute
1500
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
General Description
Standard gate triggering SCR is fully isolated package suitable for
the application where requiring high bidirectional blocking voltage
capability and also suitable for over voltage protection ,motor con-
trol circuit in power tool, inrush current limit circuit and heating
control system.
SCF25C60
Aug, 2003. Rev. 1
Features
◆
Repetitive Peak Off-State Voltage : 600V
◆
R.M.S On-State Current ( IT(RMS)= 25 A )
◆
Low On-State Voltage (1.3V(Typ.)@ ITM)
◆
Isolation Voltage ( VISO = 1500V AC )
3. Gate
1. Cathode
Symbol
○
○
1/5
SemiWell Semiconductor
Silicon Controlled Rectifiers
TO-220F
○
2. Anode
Copyright@SemiWell Semiconductor Co., Ltd., All rights are reserved.
1
2
3
Information offers: http://www.kkg.com.cn


Similar Part No. - SCF25C60

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
SCF25C60 SEMIWELL-SCF25C60 Datasheet
712Kb / 5P
Silicon Controlled Rectifiers
logo
JIEJIE MICROELECTRONICS...
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
More results

Similar Description - SCF25C60

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
SILICON RECTIFIERS
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
Silicon Rectifiers
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
Silicon Rectifiers
logo
New Jersey Semi-Conduct...
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
Silicon Rectifiers
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
SILICON RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com