Electronic Components Datasheet Search
  English  ▼

X  

CSM4T17 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSM4T17
Description  TERMINATION INSENSITIVE MIXER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSM4T17 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSM4T17 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSM4T17 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
CSM4T17
TERMINATION INSENSITIVE MIXER
• LO 1 TO 3400 MHz
• RF 1 TO 3400 MHz
• IF 1 TO 2000 MHz
• LO DRIVE +17 dBm (NOMINAL)
• HIGH INTERCEPT +25 dBm (TYP.)
Specifications (Rev. Date: 2/02)*
Guaranteed
Characteristics
Typical
+25
°°°°C
-40
°°°° to +85°°°°C
SSB Conversion Loss & SSB Noise Figure (max.)
fR 1 to 2400 MHz
fR 1 to 3400 MHz
fL 1 to 2400 MHz
fL 1 to 3400 MHz
fI 1 to 2000 MHz
fI 1 to 2000 MHz
8.0 dB
9.0 dB
9.0 dB
10.0 dB
10.5 dB
11.5 dB
Isolation (min.)
L to R
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
L to I
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
R to I
fR = 1 to 3400 MHz
35 dB
25 dB
35 dB
25 dB
30 dB
25 dB
20 dB
25 dB
20 dB
23 dB
18 dB
23 dB
18 dB
1 dB Conversion Compression
fL @ +17 dBm
+14 dBm
Input IP3 (min.)
fL = 100 to 3400 MHz
fI = 50 to 2000 MHz
& fR = 100 to 3400 MHz
+25 dBm
VSWR
R-Port
fR = 1 to 3400 MHz
L-Port
fL = 1 to 3400 MHz
I-Port
fI = 1 to 2000 MHz
2.0:1
2.0:1
2.0:1
*Measured in a 50-ohm system with nominal LO drive level and downconverter application only, unless otherwise specified.
Absolute Maximum Ratings
Outline Drawing(s)
Operating Temperature
-54
°C to +85°C
Package
Figure
Model
Storage Temperature
-65
°C to +100°C
Surface Mount
AK
CSM4T17
Peak Input Power
+20 dBm max. at +25
°C, +17 dBm at +85°C
Peak Input Current
50 mA DC


Similar Part No. - CSM4T17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4T17 MACOM-CSM4T17 Datasheet
197Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17_15 Datasheet
497Kb / 4P
Termination Insensitive Mixer
More results

Similar Description - CSM4T17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4TH MACOM-CSM4TH Datasheet
186Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH_15 Datasheet
525Kb / 4P
Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
Termination Insensitive Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com