Electronic Components Datasheet Search
  English  ▼

X  

BCP56T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCP56T3
Description  NPN Silicon Epitaxial Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP56T3 Datasheet(HTML) 2 Page - ON Semiconductor

  BCP56T3 Datasheet HTML 1Page - ON Semiconductor BCP56T3 Datasheet HTML 2Page - ON Semiconductor BCP56T3 Datasheet HTML 3Page - ON Semiconductor BCP56T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP56T1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
100
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
80
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector−Base Cutoff Current
(VCB = 30 Vdc, IE = 0)
ICBO
−
−
100
nAdc
Emitter-Base Cutoff Current
(VEB = 5.0 Vdc, IC = 0)
IEBO
−
−
10
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 5.0 mA, VCE = 2.0 V)
All Part Types
(IC = 150 mA, VCE = 2.0 V)
BCP56T1
BCP56-10T1
BCP56-16T1
(IC = 500 mA, VCE = 2.0 V)
All Types
hFE
25
40
63
100
25
−
−
−
−
−
−
250
160
250
−
−
Collector−Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
−
−
0.5
Vdc
Base-Emitter On Voltage
(IC = 500 mAdc, VCE = 2.0 Vdc)
VBE(on)
−
−
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 5.0 Vdc, f = 35 MHz)
fT
−
130
−
MHz
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%
ORDERING INFORMATION
Device
Marking
Package
Shipping†
BCP56T1
BH
SOT−223
1000 / Tape & Reel
BCP56T3
BH
SOT−223
4000 / Tape & Reel
BCP56−10T1
BH−10
SOT−223
1000 / Tape & Reel
BCP56−16T1
SOT−223
1000 / Tape & Reel
BCP56−16T1G
BH−16
SOT−223
(Pb−Free)
1000 / Tape & Reel
BCP56−16T3
SOT−223
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com