Electronic Components Datasheet Search
  English  ▼

X  

PE3C5871 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C5871
Description  Plenum 4.3-10 Male to QMA Male Right Angle Low PIM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5871 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C5871 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5871 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5871 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5871 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5871 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5871 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Connector 1: 4.3-10 Male
• Connector 2: QMA Male Right Angle
• Cable Type: SPP-250-LLPL
Features
• Max Frequency 5.8 GHz
• Low PIM: -145 dBc Max
• Shielding Effectivity > 100 dB
• 76% Phase Velocity
• FEP Jacket
• 100% Tested with PIM Test Results Marked on Cable
• UL910 Plenum Rated Cable
• Lightweight and Extremely Flexible
• Low Loss with Excellent VSWR
• IP67 (when mated)
SPP-250-LLPL
.280
7.11
JACKET
OUTER SHIELD
DIELECTRIC
SOLID CENTER
CONDUCTOR
Applications
• General Purpose
• Laboratory Use
• Low PIM Applications
• Distributed Antenna Systems
(DAS)
• Plenum Installations
• Multi-Carrier Communication
Systems
• PIM Testing
.
Description
Pasternack’s PE3C5871 4.3-10 male to QMA male right angle cable using SPP-250-LLPL coax is part of our full line of RF
components available for same-day shipping. Pasternack’s corrugated RF cable assemblies are ideal for applications where
durability and high power are needed. This Pasternack 4.3-10 to QMA cable assembly has a male to male gender configura-
tion with 50 ohm corrugated SPP-250-LLPL coax. The PE3C5871 4.3-10 male to QMA male cable assembly operates to 5.8
GHz. Our low PIM design also offers excellent passive intermodulation performance with PIM levels better than -145 dBc. The
right angle QMA interface on the SPP-250-LLPL cable allows for easier connections in tight spaces.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum 4.3-10 Male to QMA Male Right Angle Low PIM Cable Using SPP-250-LLPL Coax ,
LF Solder PE3C5871
PE3C5871 REV 1.0
Plenum 4.3-10 Male to QMA Male Right Angle Low PIM
Cable Using SPP-250-LLPL Coax , LF Solder
RF Cable Assemblies Technical Data Sheet
PE3C5871


Similar Part No. - PE3C5871

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5870 PASTERNACK-PE3C5870 Datasheet
666Kb / 6P
Plenum QMA Male to SMA Male Low PIM Cable
PE3C5872 PASTERNACK-PE3C5872 Datasheet
669Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to QMA Male Right Angle Low PIM Cable
PE3C5875 PASTERNACK-PE3C5875 Datasheet
667Kb / 6P
Plenum QMA Male to QMA Male Right Angle Low PIM Cable
PE3C5876 PASTERNACK-PE3C5876 Datasheet
667Kb / 6P
Plenum QMA Male Right Angle to SMA Male Low PIM Cable
PE3C5877 PASTERNACK-PE3C5877 Datasheet
668Kb / 6P
Plenum QMA Male Right Angle to QMA Male Right Angle Low PIM Cable
More results

Similar Description - PE3C5871

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4142 PASTERNACK-PE3C4142_V01 Datasheet
533Kb / 6P
Plenum 4.3-10 Male to 4.3-10 Male Low PIM Cable
PE3C4146 PASTERNACK-PE3C4146_V01 Datasheet
534Kb / 6P
Plenum 4.3-10 Male Right Angle to 4.3-10 Male Right Angle Low PIM Cable
PE3C4147 PASTERNACK-PE3C4147_V01 Datasheet
523Kb / 6P
Plenum 4.3-10 Male Right Angle to 4.3-10 Male Low PIM Cable
PE3C5838 PASTERNACK-PE3C5838 Datasheet
521Kb / 6P
Plenum 4.3-10 Female to QMA Male Low PIM Cable
PE3C5859 PASTERNACK-PE3C5859 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Female Low PIM Cable
PE3C5865 PASTERNACK-PE3C5865 Datasheet
520Kb / 6P
Plenum 4.3-10 Male to QMA Male Low PIM Cable
PE3C5869 PASTERNACK-PE3C5869 Datasheet
666Kb / 6P
Plenum QMA Male to QMA Male Low PIM Cable
PE3C5875 PASTERNACK-PE3C5875 Datasheet
667Kb / 6P
Plenum QMA Male to QMA Male Right Angle Low PIM Cable
PE3C5876 PASTERNACK-PE3C5876 Datasheet
667Kb / 6P
Plenum QMA Male Right Angle to SMA Male Low PIM Cable
PE3C5877 PASTERNACK-PE3C5877 Datasheet
668Kb / 6P
Plenum QMA Male Right Angle to QMA Male Right Angle Low PIM Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com