Electronic Components Datasheet Search
  English  ▼

X  

TPD2125 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TPD2125
Description  DUAL COMPLEMENTARY MOSFET DRIVER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TPD2125 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TPD2125 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tr i p ath Technol ogy , I n c. - Techni cal I n for m ati o n
1
TPD2125 – Rev . 2.0/CS/12.04
TPD2125
DUAL COMPLEMENTARY MOSFET DRIVER
A D VA NCED INFORMA T ION
Rev i sion 2.0 – December 2004
GENERAL DESCRIPTION
The TPD2125 is a high-speed dual complimentary MOSFET driver. The TPD2125 converts CMOS or TTL
inputs to gate signals suitable for driving a complimentary pair of MOSFETs in a dual half-bridge or single
full-bridge configuration. When three TPD2125’s are mated with a TCD6000, the chipset is a six-channel,
digital input, 75W (8
Ω) per channel Amplifier. This stereo mosfet driver, when paired with a Class T
controller, offers both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
Applications
Switch-Mode Audio Power Amplifiers
Complementary MOSFET driver
Switch-Mode Power Supplies
Benefits
Reduced system cost with smaller/less
expensive power supply and heat sink
Signal fidelity equal to high quality
Class-AB amplifiers
Features
Programmable Break-Before-Make
Low Power Consumption
Output over-current protection
Over-temperature protection
24-Pin TSSOP-EP Package
THD+N versus POWER
0.006
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
%
2
300
5
10
20
50
100
200
W
R
L = 6Ω and 8Ω
Vs = +58V
f = 1kHz
R
BBM = 16.2KΩ
BW = 22Hz - 20kHz(AES17)


Similar Part No. - TPD2125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F Datasheet
379Kb / 10P
SILICON MONOLITHIC POWER MOS IC
11-Sep-1998
TPD2004F TOSHIBA-TPD2004F Datasheet
288Kb / 10P
2-channel Squib Driver for Air Bags
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
2-channel Squib Driver for Air Bags
TPD2005 TOSHIBA-TPD2005 Datasheet
393Kb / 10P
HIGH SIDE POWER SWITCH ARRAY FOR MOTORS, SOLENOIDS, AND LAMP DRIVES
22-Feb-2000
TPD2005F TOSHIBA-TPD2005F Datasheet
393Kb / 10P
HIGH SIDE POWER SWITCH ARRAY FOR MOTORS, SOLENOIDS, AND LAMP DRIVES
22-Feb-2000
More results

Similar Description - TPD2125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2C01HD ONSEMI-MMDF2C01HD Datasheet
349Kb / 16P
Complementary SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF4C03HD ONSEMI-MMDF4C03HD Datasheet
368Kb / 16P
Complementary SO??, Dual Power MOSFET
June, 2004 ??Rev. XXX
ECH8668 ONSEMI-ECH8668 Datasheet
383Kb / 8P
Power MOSFET Complementary Dual
July, 2013
FW389 ONSEMI-FW389 Datasheet
738Kb / 8P
Complementary Dual Power MOSFET
February, 2014
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
Complementary Dual Power MOSFET
August, 2013
MCH6660 ONSEMI-MCH6660 Datasheet
769Kb / 8P
Complementary Dual Power MOSFET
December 2014 - Rev. 2
ECH8661 ONSEMI-ECH8661 Datasheet
417Kb / 9P
Complementary Dual Power MOSFET
July, 2013
logo
Alpha & Omega Semicondu...
AOD661 AOSMD-AOD661 Datasheet
554Kb / 11P
30V Dual Complementary MOSFET
AON6667 AOSMD-AON6667 Datasheet
570Kb / 11P
30V Dual Complementary MOSFET
Rev.1.0: July 2016
AOND32324 AOSMD-AOND32324 Datasheet
539Kb / 11P
30V Dual Complementary MOSFET
Rev.1.0: Octomber 2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com