Electronic Components Datasheet Search
  English  ▼

X  

PE3C5883 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C5883
Description  Plenum SMA Male to SMA Female Low PIM Cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C5883 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C5883 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C5883 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C5883 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C5883 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C5883 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3C5883 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female
• Cable Type: SPP-250-LLPL
Features
• Max Frequency 5.8 GHz
• Low PIM: -155 dBc Max
• Shielding Effectivity > 100 dB
• 76% Phase Velocity
• FEP Jacket
• 100% Tested with PIM Test Results Marked on Cable
• UL910 Plenum Rated Cable
• Lightweight and Extremely Flexible
• Low Loss with Excellent VSWR
• IP67 (when mated)
SPP-250-LLPL
.280
7.11
JACKET
OUTER SHIELD
DIELECTRIC
SOLID CENTER
CONDUCTOR
Applications
• General Purpose
• Laboratory Use
• Low PIM Applications
• Distributed Antenna Systems
(DAS)
• Plenum Installations
• Multi-Carrier Communication
Systems
• PIM Testing
.
Description
Pasternack’s PE3C5883 SMA male to SMA female cable using SPP-250-LLPL coax is part of our full line of RF components
available for same-day shipping. Pasternack’s corrugated RF cable assemblies are ideal for applications where durability and
high power are needed. This Pasternack SMA to SMA cable assembly has a male to female gender configuration with 50 ohm
corrugated SPP-250-LLPL coax. The PE3C5883 SMA male to SMA female cable assembly operates to 5.8 GHz. Our low PIM
design also offers excellent passive intermodulation performance with PIM levels better than -155 dBc.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Plenum SMA Male to SMA Female Low PIM Cable Using SPP-250-LLPL Coax , LF Solder
PE3C5883
PE3C5883 REV 1.1
Plenum SMA Male to SMA Female Low PIM Cable
Using SPP-250-LLPL Coax , LF Solder
RF Cable Assemblies Technical Data Sheet
PE3C5883


Similar Part No. - PE3C5883

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5882 PASTERNACK-PE3C5882 Datasheet
668Kb / 6P
Plenum QMA Male to SMA Female Low PIM Cable
PE3C5884 PASTERNACK-PE3C5884 Datasheet
666Kb / 6P
Plenum 4.3-10 Male to SMA Male Low PIM Cable
PE3C5885 PASTERNACK-PE3C5885 Datasheet
674Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to SMA Male Low PIM Cable
PE3C5888 PASTERNACK-PE3C5888 Datasheet
664Kb / 6P
Plenum SMA Male to SMA Male Low PIM Cable
More results

Similar Description - PE3C5883

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C5839 PASTERNACK-PE3C5839 Datasheet
526Kb / 6P
Plenum 4.3-10 Female to SMA Male Low PIM Cable
PE3C5864 PASTERNACK-PE3C5864 Datasheet
519Kb / 6P
Plenum QMA Female to SMA Male Low PIM Cable
PE3C5870 PASTERNACK-PE3C5870 Datasheet
666Kb / 6P
Plenum QMA Male to SMA Male Low PIM Cable
PE3C5878 PASTERNACK-PE3C5878 Datasheet
668Kb / 6P
Plenum 4.3-10 Male to SMA Female Low PIM Cable
PE3C5879 PASTERNACK-PE3C5879 Datasheet
669Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to SMA Female Low PIM Cable
PE3C5882 PASTERNACK-PE3C5882 Datasheet
668Kb / 6P
Plenum QMA Male to SMA Female Low PIM Cable
PE3C5884 PASTERNACK-PE3C5884 Datasheet
666Kb / 6P
Plenum 4.3-10 Male to SMA Male Low PIM Cable
PE3C5888 PASTERNACK-PE3C5888 Datasheet
664Kb / 6P
Plenum SMA Male to SMA Male Low PIM Cable
PE3C5894 PASTERNACK-PE3C5894 Datasheet
673Kb / 6P
Plenum SMA Male to SMA Male Right Angle Low PIM Cable
PE3C5895 PASTERNACK-PE3C5895 Datasheet
674Kb / 6P
Plenum SMA Male Right Angle to SMA Male Right Angle Low PIM Cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com