Electronic Components Datasheet Search
  English  ▼

X  

PE3M0147 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3M0147
Description  Temperature Conditioned SMA Female Bulkhead to TNC Female Bulkhead Low Loss Cable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3M0147 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3M0147 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE3M0147 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
SAE AS5942
Marking of Electrical Insulating Materials
SAE AS23053
Insulation Sleeving, Electrical, Heat Shrinkable, General Specifications For
Material Specifications
Component
Specification
Cable
PE-P142LL in accordance with PE-P142LL datasheet
Connector 1
PE45525 in accordance with MIL-STD-348
Connector 2
PE44811 in accordance with MIL-STD-348
Heat Shrink 1
SUMITUBE W3B2(4X) SIZE 12/3 in accordance with SAEAS23053 (ASAPPLICABLE)
Heat Shrink 2
SUMITUBE W3B2(4X) SIZE 12/3 in accordance with SAEAS23053 (ASAPPLICABLE)
Heat Shrink 3
M23053/4-303-0 in accordance with SAEAS23053
Heat Shrink 4
M23053/4-303-0 in accordance with SAEAS23053
Solder
SN63 in accordance with J-STD-006
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Velocity of Propagation
80
%
Capacitance
25 [82.02]
pF/ft [pF/m]
Dielectric Withstanding Voltage (AC)
1,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.082
0.118
0.172
0.257
0.376
dB/ft
0.27
0.39
0.56
0.84
1.23
dB/m
.
Electrical Specification Notes:
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as 0.1 dB for the SMA Female
Bulkhead connector and 0.06*SQRT(FGHz) dB for the TNC Female Bulkhead connector.
PE3M0147 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Temperature Conditioned SMA Female Bulkhead to TNC Female Bulkhead Low Loss Cable
Using PE-P142LL Coax PE3M0147
RF Cable Assemblies Technical Data Sheet
PE3M0147
Temperature Conditioned SMA Female Bulkhead to TNC
Female Bulkhead Low Loss Cable Using PE-P142LL Coax



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com