Electronic Components Datasheet Search
  English  ▼

X  

C16671 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16671
Description  ~9째 spot beam with flange. Optimized for high-power 3535 size LED packages.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16671 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16671 Datasheet HTML 1Page - Ledil, Inc. C16671 Datasheet HTML 2Page - Ledil, Inc. C16671 Datasheet HTML 3Page - Ledil, Inc. C16671 Datasheet HTML 4Page - Ledil, Inc. C16671 Datasheet HTML 5Page - Ledil, Inc. C16671 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C16671_OLGA-RS
OLGA-RS
~9° spot beam with flange. Optimized for
high-power 3535 size LED packages.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 29.7 mm
Height
18.4 mm
Fastening
Colour
clear
Box size
476 x 273 x 292 mm
Box weight
7.3 kg
Quantity in Box
792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLGA-RS
Single lens
PMMA
clear
Last update: 09/01/2019
Subject to change without prior notice
Published: 14/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C16671

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16670 LEDIL-C16670 Datasheet
18Mb / 4P
~60째 wide beam
C16673 LEDIL-C16673 Datasheet
2Mb / 5P
~20째 40째 oval beam
More results

Similar Description - C16671

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10318 LEDIL-CA10318_18 Datasheet
2Mb / 4P
~9째 smooth spot beam. Assembly with tape
CA11020 LEDIL-CA11020 Datasheet
3Mb / 4P
~14째 spot beam optimized for Nichia NCSxx19
CA10321 LEDIL-CA10321 Datasheet
2Mb / 4P
~9째 smooth spot beam
CN15529 LEDIL-CN15529 Datasheet
7Mb / 7P
~9째 spot beam with holder
C16123 LEDIL-C16123 Datasheet
2Mb / 4P
~11째 spot beam with flange
CP12817 LEDIL-CP12817 Datasheet
2Mb / 5P
~8.5째 spot beam optimized
CX11352 LEDIL-CX11352 Datasheet
2Mb / 4P
~8째 spot beam optimized for LUXEON Rebel.
CA16672 LEDIL-CA16672 Datasheet
6Mb / 7P
~9째 spot beam beam. Optimized for high-power 3535 size LED packages. Assembly with holder and installation tape.
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
C11347 LEDIL-C11347 Datasheet
3Mb / 6P
~9째 spot beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com