Electronic Components Datasheet Search
  English  ▼

X  

C16734 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16734
Description  ~35째 spot beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16734 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16734 Datasheet HTML 1Page - Ledil, Inc. C16734 Datasheet HTML 2Page - Ledil, Inc. C16734 Datasheet HTML 3Page - Ledil, Inc. C16734 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C16734_SITARA-HB-S
SITARA-HB-S
~35° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
18.0 mm
Height
5 mm
Fastening
Colour
clear
Box size
430 x 390 x 215 mm
Box weight
9.5 kg
Quantity in Box
8000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
SITARA-HB-S
Single lens
PMMA
clear
Last update: 30/01/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - C16734

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16731 LEDIL-C16731 Datasheet
7Mb / 7P
~14째 smooth spot beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
More results

Similar Description - C16734

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11553 LEDIL-C11553_18 Datasheet
3Mb / 7P
~35째 wide beam
F16010 LEDIL-F16010 Datasheet
8Mb / 6P
~35째 medium beam
C11544 LEDIL-C11544 Datasheet
3Mb / 4P
~35째 wide beam
C10585 LEDIL-C10585 Datasheet
2Mb / 4P
~35째 wide beam
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
C13556 LEDIL-C13556 Datasheet
3Mb / 7P
~35째 medium beam
F13701 LEDIL-F13701 Datasheet
6Mb / 14P
~35째 wide beam
CA14433 LEDIL-CA14433 Datasheet
3Mb / 5P
~35째 wide beam
C13870 LEDIL-C13870 Datasheet
2Mb / 6P
~35째 wide beam
CN14237 LEDIL-CN14237 Datasheet
7Mb / 14P
~35째 medium beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com