Electronic Components Datasheet Search
  English  ▼

X  

83C152JC Datasheet(PDF) 12 Page - Intel Corporation

Part # 83C152JC
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C152JC Datasheet(HTML) 12 Page - Intel Corporation

Back Button 83C152JC Datasheet HTML 8Page - Intel Corporation 83C152JC Datasheet HTML 9Page - Intel Corporation 83C152JC Datasheet HTML 10Page - Intel Corporation 83C152JC Datasheet HTML 11Page - Intel Corporation 83C152JC Datasheet HTML 12Page - Intel Corporation 83C152JC Datasheet HTML 13Page - Intel Corporation 83C152JC Datasheet HTML 14Page - Intel Corporation 83C152JC Datasheet HTML 15Page - Intel Corporation 83C152JC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
8XC152JAJBJCJD
EXTERNAL DATA MEMORY WRITE CYCLE
270431 – 10
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TCLCL
Oscillator Frequency
35
165
MHz
TCHCX
High Time
20
ns
TCLCX
Low Time
20
ns
TCLCH
Rise Time
20
ns
TCHCL
Fall Time
20
ns
EXTERNAL CLOCK DRIVE WAVEFORM
270431 – 11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com