Electronic Components Datasheet Search
  English  ▼

X  

80C152JD Datasheet(PDF) 10 Page - Intel Corporation

Part # 80C152JD
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C152JD Datasheet(HTML) 10 Page - Intel Corporation

Back Button 80C152JD Datasheet HTML 6Page - Intel Corporation 80C152JD Datasheet HTML 7Page - Intel Corporation 80C152JD Datasheet HTML 8Page - Intel Corporation 80C152JD Datasheet HTML 9Page - Intel Corporation 80C152JD Datasheet HTML 10Page - Intel Corporation 80C152JD Datasheet HTML 11Page - Intel Corporation 80C152JD Datasheet HTML 12Page - Intel Corporation 80C152JD Datasheet HTML 13Page - Intel Corporation 80C152JD Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8XC152JAJBJCJD
AC CHARACTERISTICS (TA e 0 Cto a70 C VCC e 5V g10% VSS e 0V Load Capacitance for
Port 0 ALE and PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF)
EXTERNAL PROGRAM AND DATA MEMORY CHARACTERISTICS (Note 7 10)
Symbol
Parameter
165 MHz
Variable Oscillator
Unit
Min
Max
Min
Max
1TCLCL
Oscillator Frequency
35
12
MHz
80C152JAJC
83C152JAJC
80C152JBJD
80C152JAJC-1
35
165
MHz
83C152JAJC-1
80C152JBJD-1
TLHLL
ALE Pulse Width
81
2TCLCL-40
ns
TAVLL
Address Valid to ALE Low
5
TCLCL-55
ns
TLLAX
Address Hold After ALE Low
25
TCLCL-35
ns
TLLIV
ALE Low to Valid
142
4TCLCL-100
ns
Instruction In
TLLPL
ALE Low to PSEN Low
20
TCLCL-40
ns
TPLPH
PSEN Pulse Width
137
3TCLCL-45
ns
TPLIV
PSEN Low to Valid
77
3TCLCL-105
ns
Instruction In
TPXIX
Input Instruction
0
0
ns
Hold After PSEN
TPXIZ
Input Instruction
35
TCLCL-25
ns
Float After PSEN
TAVIV
Address to Valid
198
5TCLCL-105
ns
Instruction In
TPLAZ
PSEN Low to Address
10
10
ns
Float
TRLRH
RD Pulse Width
263
6TCLCL-100
ns
TWLWH
WR Pulse Width
263
6TCLCL-100
ns
TRLDV
RD Low to Valid
138
5TCLCL-165
ns
Data In
TRHDX
Data Hold After RD
00
ns
TRHDZ
Data Float After RD
51
2TCLCL-70
ns
TLLDV
ALE Low to Valid
335
8TCLCL-150
ns
Data In
TAVDV
Address to Valid
380
9TCLCL-165
ns
Data In
TLLWL
ALE Low to RD or
132
232
3TCLCL-50
3TCLCLa50
ns
WR Low
TAVWL
Address to RD or
112
4TCLCL-130
ns
WR Low
TQVWX(8)
Data Valid to WR
196
6TCLCL-167
ns
Transition
TWHQX
Data Hold After WR
10
TCLCL-50
ns
TRLAZ
RD Low to Address
0
0
ns
Float
TWHLH
RD or WR High to
20
100
TCLCL-40
TCLCLa40
ns
ALE High
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com