Electronic Components Datasheet Search
  English  ▼

X  

BLGE4-252R Datasheet(PDF) 1 Page - Mini-Circuits

Part # BLGE4-252R
Description  RF Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BLGE4-252R Datasheet(HTML) 1 Page - Mini-Circuits

  BLGE4-252R Datasheet HTML 1Page - Mini-Circuits BLGE4-252R Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Band optimized for Bluetooth, Zigbee and low band Wi-Fi
• Tiny size, 0805
• Low insertion loss, 0.5 dB
• Low unbalance, 0.4 dB, 4°
• Low cost
Product Overview
Mini-Circuits BLGE4-252R+ is a miniature ceramic RF balun transformer with an impedance ratio (second-
ary/primary) of 1:4. This model covers the 2400 to 2500 MHz frequency band and has been performance
optimized for use in Bluetooth, Zigbee and low band Wi-Fi applications. This model provides low insertion
loss, low amplitude unbalance, and RF input power handling up to 2W. Fabricated using LTCC technology,
it comes housed in a tiny package (0.08 x 0.05 x 0.04”) and is suitable for high-volume production.
Key Features
Feature
Advantages
Low insertion loss, 0.5 dB
Enables excellent signal power transmission from input to output.
Low unbalance, 0.5 dB, 2°
Low unbalance can improve a system’s electromagnetic compatibility by rejecting
unwanted common-mode noise.
2W power handling
Supports a wide range of power requirements
DC Isolation
Provides DC isolation between circuits and efficient AC transmission, eliminating the
need for external DC biasing components.
Tiny size, 0805
Accommodates tight space requirements for dense PCB layouts.
RF Transformer
Ceramic Balun
BLGE4-252R+
CASE STYLE: GE0805C-9
50Ω
2400 to 2500 MHz
1:4 Ratio


Similar Part No. - BLGE4-252R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLGE2-252R MINI-BLGE2-252R Datasheet
268Kb / 1P
RF Transformer
BLGE2-252R+ MINI-BLGE2-252R+ Datasheet
268Kb / 1P
RF Transformer
BLGE2-542R MINI-BLGE2-542R Datasheet
250Kb / 1P
RF Transformer
BLGE2-542R+ MINI-BLGE2-542R+ Datasheet
250Kb / 1P
RF Transformer
More results

Similar Description - BLGE4-252R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com