Electronic Components Datasheet Search
  English  ▼

X  

83C152JD Datasheet(PDF) 17 Page - Intel Corporation

Part # 83C152JD
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C152JD Datasheet(HTML) 17 Page - Intel Corporation

Back Button 83C152JD Datasheet HTML 9Page - Intel Corporation 83C152JD Datasheet HTML 10Page - Intel Corporation 83C152JD Datasheet HTML 11Page - Intel Corporation 83C152JD Datasheet HTML 12Page - Intel Corporation 83C152JD Datasheet HTML 13Page - Intel Corporation 83C152JD Datasheet HTML 14Page - Intel Corporation 83C152JD Datasheet HTML 15Page - Intel Corporation 83C152JD Datasheet HTML 16Page - Intel Corporation 83C152JD Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
8XC152JAJBJCJD
DESIGN NOTES
Within the 8XC152 there exists a race condition that may set both the RDN and AE bits at the end of a valid
reception This will not cause a problem in the application as long as the following steps are followed
Never give the receive error interrupt a higher priority than the valid reception interrupt
Do not leave the valid reception interrupt service routine when AE is set by using a RETI instruction until AE
is cleared To clear AE set the GREN bit this enables the receiver If the user desires that the receiver remain
disabled clear GREN after setting it before leaving the interrupt service routine
If the AE bit is checked by user software in response to a valid reception interrupt the status of AE should
be considered invalid
The race condition is dependent upon both the temperature that the device is currently operating at and the
processing the device received during the wafer fabrication
When the idle mode is terminated by a hardware reset the device normally resumes program execution from
where it left off up to two machine cycles before the internal reset algorithm takes control On-chip hardware
inhibits access to internal RAM in this event but access to the port pins is not inhibited To eliminate the
possibility of an unexpected write when Idle is terminated by reset the instruction following the one that
invokes Idle should not be one that writes to a port pin or to external memory
DATA SHEET REVISION SUMMARY
The following represent the key differences between the ‘‘-003’’ and the ‘‘-002’’ version of the
80C15283C152 data sheet Please review this summary carefully
1 Removed minimum GSC frequency spec when used with an external clock
2 Change figure ‘‘External Program Memory Read Cycle’’ to show Port 0Port 5 address floating after PSEN
goes low
3 Added design note on terminating idle with reset
4 Added status of PSEN during Power Down mode to Table 3
5 Moved all notes to back of data sheet
6 Changed microcomputer to microcontroller
7 Added External Oscillator start-up capacitance note
The following represent the key differences between the ‘‘-002’’ and the ‘‘-001’’ version of the 80C152
83C152 data sheet Please review this summary carefully
1 Status of data sheet changed from ‘‘ADVANCED’’ to ‘‘PRELIMINARY’’
2 80C152JC 83C152JC and 80C152JD were added
3 Added AERDN design note
4 This revision summary was added
5 Note
13 was added (Effective ECL spec at higher clock rates)
6 Table
2 changed to Table
3 (Status of pins during IdlePower Down)
7 Current Table
2 was added (JA vs JB vs JC vs JD matrix)
8 Transmit jitter spec changed from g35 ns and g70 ns to g10 ns
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com