Electronic Components Datasheet Search
  English  ▼

X  

IXFL100N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFL100N50P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL100N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFL100N50P Datasheet HTML 1Page - IXYS Corporation IXFL100N50P Datasheet HTML 2Page - IXYS Corporation IXFL100N50P Datasheet HTML 3Page - IXYS Corporation IXFL100N50P Datasheet HTML 4Page - IXYS Corporation IXFL100N50P Datasheet HTML 5Page - IXYS Corporation IXFL100N50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXFL100N50P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
1
= Gate
2,4 = Drain
3
= Source
ISOPLUS264 (IXFL) OUTLINE
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 50A, Note 1
50
80
S
C
iss
20
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1700
pF
C
rss
140
pF
t
d(on)
36
ns
t
r
29
ns
t
d(off)
110
ns
t
f
26
ns
Q
g(on)
240
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 50A
96
nC
Q
gd
78
nC
R
thJC
0.20
C/W
R
thCS
0.15
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
100
A
I
SM
Repetitive, Pulse Width Limited by T
JM
250
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
200 ns
Q
RM
0.6
C
I
RM
6.0
A
Note
1. Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 50A
R
G = 1 (External)
I
F = 25A, -di/dt = 100A/s
V
R = 100V, VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com