Electronic Components Datasheet Search
  English  ▼

X  

P83C152JC Datasheet(PDF) 16 Page - Intel Corporation

Part # P83C152JC
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C152JC Datasheet(HTML) 16 Page - Intel Corporation

Back Button P83C152JC Datasheet HTML 9Page - Intel Corporation P83C152JC Datasheet HTML 10Page - Intel Corporation P83C152JC Datasheet HTML 11Page - Intel Corporation P83C152JC Datasheet HTML 12Page - Intel Corporation P83C152JC Datasheet HTML 13Page - Intel Corporation P83C152JC Datasheet HTML 14Page - Intel Corporation P83C152JC Datasheet HTML 15Page - Intel Corporation P83C152JC Datasheet HTML 16Page - Intel Corporation P83C152JC Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
8XC152JAJBJCJD
GSC TIMINGS (EXTERNAL CLOCK)
270431 – 17
NOTES
1 NC pins on PLCC package may be connected to internal die and should not be used in customer applications
2 It is recommended that both Pin 3 and Pin 33 be grounded for PLCC devices
3 ‘‘Typicals’’ are based on samples taken from early manufacturing lots and are not guaranteed The measurements were
made with VCC e 5V at room temperature
4 Capacitive loading on Ports 0 and 2 may cause spurious noise pulses to be superimposed on the VOLs of ALE and Ports
1 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins make 1-
to-0 transitions during bus operations In the worst cases (capacitive loading l 100 pF) the noise pulse on the ALE pin may
exceed 08V In such cases it may be desirable to qualify ALE with a Schmitt Trigger or use an address latch with a Schmitt
Trigger STROBE input
5 Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 09VCC specifi-
cation when the address bits are stabilizing
6 ICC is measured with all output pins disconnected XTAL1 driven with TCLCH TCHCL e 5 ns VIL e VSS a 05V VIH e
VCC b 05V XTAL2 NC Port 0 pins connected to VCC ‘‘Operating’’ current is measured with EA connected to VCC and
RST connected to VSS ‘‘Idle’’ current is measured with EA connected to VSS RST connected to VCC and GSC inactive
7 The specifications relating to external data memory characteristics are also applicable to DMA operations
8 TQVWX should not be confused with TQVWX as specified for 80C51BH On 80C152 TQVWX is measured from data
valid to rising edge of WR On 80C51BH TQVWX is measured from data valid to falling edge of WR See timing diagrams
9 This value is based on the maximum allowable die temperature and the thermal resistance of the package
10 All specifications relating to external program memory characteristics are applicable to
EPSEN for PSEN
Port 5 for Port 0
Port 6 for Port 2
when EBEN is at a Logical 1 on the 80C152JBJD
11 Same as TCLCH use External Clock Drive Waveform
12 Same as TCHCL use External Clock Drive Waveform
13 When using the same external clock to drive both the receiver and transmitter the minimum ECL spec effectively
becomes 195 ns at all frequencies (assuming 0 ns propagation delay) because ECDVT (150 ns) plus ECDSR (45 ns) re-
quirements must also be met (150 a 45 e 195 ns) The 195 ns requirement would also increase to include the maximum
propagation delay between receivers and transmitters
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com