Electronic Components Datasheet Search
  English  ▼

X  

FAP6WCGRDLCZ Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FAP6WCGRDLCZ
Description  Opticom짰 Fiber Adapter Panels (FAPs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FAP6WCGRDLCZ Datasheet(HTML) 1 Page - PANDUIT CORP.

  FAP6WCGRDLCZ Datasheet HTML 1Page - PANDUIT CORP. FAP6WCGRDLCZ Datasheet HTML 2Page - PANDUIT CORP. FAP6WCGRDLCZ Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.panduit.com
Opticom® Fiber Adapter Panels (FAPs)
SPECIFICATION SHEET
Standards
All adapters meet or exceed TIA/EIA-568-C.3 requirements
requirements:
MPO: TIA/EIA-604 FOCIS-5 compliant
LC: TIA/EIA-604 FOCIS-10 compatible
SC: TIA/EIA-604 FOCIS-3 compliant
ST: TIA/EIA-604 FOCIS-2 compatible
FC: TIA/EIA-604 FOCIS-4 compliant
MT-RJ: TIA/EIA-604 FOCIS-12 compliant
E-2000: TIA/EIA-604 FOCIS-16 compatible
Split sleeve
Zirconia ceramic:
10Gig™ OM3/OM4 multimode adapters
material:
OS1/OS2 singlemode adapters
Phosphor bronze:
OM1 and OM2 multimode adapters
Insertion loss:
Supports the performance of connectors/patch cords
Return loss:
Supports singlemode (SPC and UPC) and multimode (PC) connector
polish performance
technical information
specifications
Fiber adapter panels contain TIA/EIA-604 FOCIS compliant or
compatible simplex or duplex fiber optic adapters and meet or
exceed TIA/EIA-568-C.3 requirements. Fiber adapter panels
include horizontal and vertical MPO adapters, LC, keyed LC, SC,
ST, FC, MT-RJ or E-2000 fiber optic adapters. Fiber optic adapters
include phosphor bronze or zirconia ceramic split sleeves to fit
specific network requirements. LC and SC adapter housing colors
follow the TIA/EIA-568-C.3 suggested color identification scheme.
Multimedia modular panels allow customization of installation
for applications requiring integration of fiber optic and copper
cables. Blank fiber adapter panels reserve fiber adapter panel
space for future use. All fiber adapter panels snap quickly into the
front of fiber optic patch panels and enclosures for easy network
deployment or moves, adds, and changes.
Opticom® Fiber Optic Adapter Panels (FAPs)
are used with Opticom® Rack and Wall Mount
Enclosures, Fiber Adapter Patch Panels,
and Opticom® Zero RU Fiber Adapter Panel
Brackets to deploy medium to high-density
fiber optic network applications as specified in
the data center cabling standard TIA 942 for
cross connects in main distribution, horizontal
distribution, and equipment distribution areas.
Opticom® Fiber Adapter Panels snap quickly
into the patch panels and enclosures for easy
network deployment or moves, adds, and
changes. Opticom® Zero RU Fiber Adapter
Panel Brackets mount directly to the rack
to provide location, connection, and quick
deployment of fiber adapter panels without
taking any RU space. Multimedia modular
panels also allow customization for installation
requiring integration of fiber optic and copper
cables. Blank fiber adapter panels reserve
panel space for future use.
applications
key features and benefits
Snap quickly into Opticom ®
Assures flexibility and ease of network deployment and
Fiber Adapter Patch Panels
moves, adds, and changes
and Enclosures
Adapters available separately,
Provides a complete system solution for connectivity,
and in Mini-Com ® Patch Panels
such as horizontal and vertical MPO adapters, LC,
and Modules, and Opticom ®
Keyed LC, SC, ST, FC, MT-RJ, E-2000 and
MPO Fiber Optic Cassettes
Mini-Com® Fiber Optic Adapter Modules, copper jack
modules and audio/video modules
LC and SC adapter housing
Easy identification of fiber type via adapter colors; visually
colors follow TIA/EIA-568-C.3
compatible with patch cords and connectivity that also
suggested identification
follows the color identification scheme
color scheme
Available with adapters in
Type A polarity incorporates a black MPO adapter housing
multiple colors
with a key-up to key-down configuration. Type B polarity
incorporates a charcoal gray MPO adapter housing with a
key-up to key-up configuration.
Opticom ® Fiber Adapter Panels
Refer to next page for complete
product listing.
Opticom ® Rack Mount
Fiber Cassette Enclosures
1 RU, holds 4 FAPs:
FCE1U
1 RU, open access,
holds 4 FAPs:
FCE1UA
2 RU, holds 8 FAPs:
FCE2U
4 RU, holds 12 FAPs:
FCE4U
Opticom ® Rack Mount Enclosures
1 RU, holds 3 FAPs:
FRME1U
2 RU, holds 6 FAPs:
FRME2U
3 RU, holds 9 FAPs:
FRME3
4 RU, holds 12 FAPs:
FRME4
Opticom ® Standard Rack Mount Trays and
Fiber Adapter
Patch Panels
1 RU, holds 4 FAPs
with 1 RU std. panel:
FMT1 with
CFAPPBL1
2 RU, holds 8 FAPs
with 2 RU std. panel:
FMT2 with
CFAPPBL2
Opticom ® Angled Rack Mount Trays
and Fiber Adapter Patch Panels
1 RU, holds 4 FAPs
with 1 RU
angled panel:
FMT1A with
CFAPPBL1A
2 RU, holds 8 FAPs
with 2 RU
angled panel:
FMT2A with
CFAPPBL2A
Opticom ® Zero RU Fiber Adapter
Panel Brackets
Angled, 90°,
adhesive and
magnetic mount:
FEABRUA
Std., screw mount:
FEABRU


Similar Part No. - FAP6WCGRDLCZ

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FAP6WST PANDUIT-FAP6WST Datasheet
252Kb / 1P
ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
FAP6WSTA PANDUIT-FAP6WSTA Datasheet
252Kb / 1P
ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
FAP6WSTZ PANDUIT-FAP6WSTZ Datasheet
252Kb / 1P
ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
More results

Similar Description - FAP6WCGRDLCZ

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-044B06-11-2-8P GLENAIR-180-044B06-11-2-8P Datasheet
192Kb / 2P
Fiber Optic Test Adapter
180-044B07-11-2-8P GLENAIR-180-044B07-11-2-8P Datasheet
180Kb / 2P
Fiber Optic Test Adapter
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
Fiber Optic Test Adapter
180-073B06-11-2-89 GLENAIR-180-073B06-11-2-89 Datasheet
260Kb / 2P
Fiber Optic Test Adapter
180-102M07-1 GLENAIR-180-102M07-1 Datasheet
174Kb / 1P
Fiber Optic Probe Adapter
180-072B07-11-2-89 GLENAIR-180-072B07-11-2-89 Datasheet
179Kb / 2P
Fiber Optic Test Adapter
180-089B07-11-8PA GLENAIR-180-089B07-11-8PA Datasheet
196Kb / 2P
Fiber Optic Test Adapter
logo
List of Unclassifed Man...
AX103927 ETC2-AX103927 Datasheet
100Kb / 2P
Faceplates and Panels - KeyConnect Decora Adapter 4 Port
logo
PANDUIT CORP.
FAP6WSTZ PANDUIT-FAP6WSTZ Datasheet
252Kb / 1P
ST Opticom Fiber Adapter Panels Opticom Multimedia Modular Panel
FCE1U PANDUIT-FCE1U Datasheet
92Kb / 2P
Opticom짰 QuickNet Rack Mount Fiber Cassette Enclosures
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com