Electronic Components Datasheet Search
  English  ▼

X  

P83C152JB Datasheet(PDF) 14 Page - Intel Corporation

Part # P83C152JB
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P83C152JB Datasheet(HTML) 14 Page - Intel Corporation

Back Button P83C152JB Datasheet HTML 9Page - Intel Corporation P83C152JB Datasheet HTML 10Page - Intel Corporation P83C152JB Datasheet HTML 11Page - Intel Corporation P83C152JB Datasheet HTML 12Page - Intel Corporation P83C152JB Datasheet HTML 13Page - Intel Corporation P83C152JB Datasheet HTML 14Page - Intel Corporation P83C152JB Datasheet HTML 15Page - Intel Corporation P83C152JB Datasheet HTML 16Page - Intel Corporation P83C152JB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
8XC152JAJBJCJD
GLOBAL SERIAL PORT TIMINGSInternal Baud Rate Generator
Symbol
Parameter
165 MHz (BAUD e 0)
Variable Oscillator
Unit
Min
Max
Min
Max
HBTJR
Allowable jitter on
00375
(0125 c
m
s
the Receiver for
(BAUDa1)c
bit time (Manchester
8TCLCL)
encoding only)
b
25 ns
FBTJR
Allowable jitter on
010
(025 c
m
s
the Receiver for one
(BAUDa1)c
full bit time (NRZI
8TCLCL)
and Manchester)
b
25 ns
HBTJT
Jitter of data from
g
10
g
10
ns
Transmitter for
bit time (Manchester
encoding only)
FBTJT
Jitter of data from
g
10
g
10
ns
Transmitter for one
full bit time (NRZI
and Manchester)
DRTR
Data rise time for
20
20
ns
Receiver(11)
DFTR
Data fall time for
20
20
ns
Receiver(12)
GSC RECEIVER TIMINGS (INTERNAL BAUD RATE GENERATOR)
270431 – 15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com