Electronic Components Datasheet Search
  English  ▼

X  

LDP Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LDP
Description  Automotive Protection Axial Lead Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LDP Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LDP Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LDP Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LDP Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LDP Series
Breakdown Voltage: 12.4 to 72 V
Peak Pulse Power: 6000 W
●
●
●
●
●
●
●
●
●
●
●
Note:
Automotive Protection
Excellent clamping capability
Axial Lead
Transient Voltage Suppressors
Features
R-6/P600
●
High reliability application and automotive
grade AEC Q101 qualified
Glass passivated chip
6000 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle):0.01 %
Meets ISO7637-2 5a/5b surge specifications
Low leakage
Uni and Bidirectional unit
Very fast response time
RoHS compliant
Mechanical Data
Case: Molded plastic
Maximum Ratings(TA=25℃ unless otherwise noted)
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-202, method
208 guranteed
●
Polarity: Color band denotes cathode end
except Bipolar
●
Mounting position: Any
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform(1)
PPP
6000
W
Peak power dissipation with a 10/10,000μs waveform(1)
PPP
2400
W
Peak pulse current wih a 10/1000μs waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
8.0
W
Peak forward surge current, 8.3 ms single half sine-wave
unidirectional only(2)
IFSM
500
A
Maximum instantaneous forward voltage at 100 A for
unidirectional only
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to +175
°C
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
MIN
MIN
DIA.
DIA.
Dimensions :
inch [ mm ]
0.340
0.360
[9.14
8.64
]
1.000 [25.40]
1.000 [25.40]
0.048
0.052
[1.32
1.22
]
0.360
0.340
[9.14
8.64
]
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170701-P1


Similar Part No. - LDP

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
Diplexer
LDP-1050-252+ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
CUSTOM LED DISPLAY
logo
Source Photonics, Inc.
LDP-FC-31Z-H-T-AMFCN SOURCE-LDP-FC-31Z-H-T-AMFCN Datasheet
518Kb / 4P
1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDP

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
30KPA28A SOCAY-30KPA28A Datasheet
451Kb / 5P
Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
1.5KE ANOVA-1.5KE Datasheet
269Kb / 4P
Axial Lead Transient Voltage Suppressors
30KPA ANOVA-30KPA Datasheet
249Kb / 3P
Axial Lead Transient Voltage Suppressors
LDP ANOVA-LDP Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
P4KE ANOVA-P4KE Datasheet
352Kb / 4P
Axial Lead Transient Voltage Suppressors
P6KE ANOVA-P6KE Datasheet
267Kb / 4P
Axial Lead Transient Voltage Suppressors
SA5.0 ANOVA-SA5.0 Datasheet
354Kb / 4P
Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
15KPA LUGUANG-15KPA Datasheet
874Kb / 3P
Axial Lead Transient Voltage Suppressors
30KPA LUGUANG-30KPA Datasheet
861Kb / 3P
Axial Lead Transient Voltage Suppressors
12KPA LUGUANG-12KPA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com