Electronic Components Datasheet Search
  English  ▼

X  

BZX55C10 Datasheet(PDF) 2 Page - Silicon Supplies

Part # BZX55C10
Description  Silicon P lanar Zener diode in bare die form
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55C10 Datasheet(HTML) 2 Page - Silicon Supplies

  BZX55C10 Datasheet HTML 1Page - Silicon Supplies BZX55C10 Datasheet HTML 2Page - Silicon Supplies BZX55C10 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
 
 
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
 
PARAMETER
SYMBOL
VALUE
UNIT
Power Dissipation
PTOT
500
mW
Junction Temperature
TJ
200
°C
 
Storage Temperature Range
TS
-65 to +200
°C
Forward Voltage @ IF = 100mA
VF
1.3
V
 
 
ZENER VOLTAGE
RANGE
DYNAMIC
RESISTANCE
TEST CURRENT
REVERSE LEAKAGE CURRENT
 
IR @ VR
ZZ @ IZT1
ZZK @ IZT2
IZT1
IZT2
TA = 25°C
TA = 125°C
f = 1 kHz
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
VZ @ IZT1
DEVICE
V
Ω
mA
µA Max.
V
Max.
Max.
Min.
 
Nom.
 
Max.
 
BZX55C10
9.4
10
10.6
5
1
0.1
2.0
7.5
15
70
BZX55C11
10.4
11
11.6
5
1
0.1
2.0
8.2
20
70
BZX55C12
11.4
12
12.7
5
1
0.1
2.0
9.1
20
90
BZX55C13
12.4
13
14.1
5
1
0.1
2.0
10
26
110
BZX55C15
13.8
15
15.6
5
1
0.1
2.0
11
30
110
BZX55C16
15.3
16
17.1
5
1
0.1
2.0
12
40
170
BZX55C18
16.8
18
19.1
5
1
0.1
2.0
13
50
170
BZX55C20
18.8
20
21.2
5
1
0.1
2.0
15
55
220
BZX55C22
20.8
22
23.3
5
1
0.1
2.0
16
55
220
BZX55C24
22.8
24
25.6
5
1
0.1
2.0
18
80
220
BZX55C27
25.1
27
28.9
5
1
0.1
2.0
20
80
220
BZX55C30
28
30
32
5
1
0.1
2.0
22
80
220
BZX55C33
31
33
35
5
1
0.1
2.0
24
80
220
BZX55C36
34
36
38
5
1
0.1
2.0
27
80
220
Electrical Characteristics T
A = 25°C unless otherwise stated
0.5W, 5mA IZT , Bare Die Zener Diode  
Rev 1.0
07/07/17
 
Zener Voltages 2.4V to 9.1V are constructed using a smaller die geometry.
Please see here for further details
 
Page 2 of 3 
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com